Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 25 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 25 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 21Page - Micrel Semiconductor MIC28304 Datasheet HTML 22Page - Micrel Semiconductor MIC28304 Datasheet HTML 23Page - Micrel Semiconductor MIC28304 Datasheet HTML 24Page - Micrel Semiconductor MIC28304 Datasheet HTML 25Page - Micrel Semiconductor MIC28304 Datasheet HTML 26Page - Micrel Semiconductor MIC28304 Datasheet HTML 27Page - Micrel Semiconductor MIC28304 Datasheet HTML 28Page - Micrel Semiconductor MIC28304 Datasheet HTML 29Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
Micrel, Inc.
MIC28304
The short-circuit current limit can be programmed by
using Equation 3.
( )
CL
CL
)
ON
(
DS
PP
L
CLIM
I
V
R
)
5
.
0
I
I
(
R15
+
×
×
∆
−
=
Eq. 3
Where:
ICLIM = Desired current limit
RDS(ON) = On-resistance of low-side power MOSFET,
57mΩ typically
VCL = Current-limit threshold (typical absolute value is
14mV per the Electrical Characteristics
(4))
ICL = Current-limit source current (typical value is 80µA,
per the Electrical Characteristics table).
ΔI
L(PP) = Inductor current peak-to-peak, since the inductor
is integrated use Equation 4 to calculate the inductor
ripple current.
The peak-to-peak inductor current ripple is:
L
f
V
)
V
(V
V
I
sw
IN(max)
OUT
IN(max)
OUT
L(PP)
×
×
−
×
=
∆
Eq. 4
The MIC28304 has 4.7µH inductor integrated into the
module. The typical value of RWINDING(DCR) of this particular
inductor is in the range of 45mΩ.
In case of hard short, the short limit is folded down to
allow an indefinite hard short on the output without any
destructive effect. It is mandatory to make sure that the
inductor current used to charge the output capacitance
during soft start is under the folded short limit; otherwise
the supply will go in hiccup mode and may not be
finishing the soft start successfully.
The
MOSFET
RDS(ON) varies
30%
to
40%
with
temperature; therefore, it is recommended to add a 50%
margin to ICLIM in Equation 3 to avoid false current limiting
due to increased MOSFET junction temperature rise.
Table 2 shows typical output current limit value for a
given R15 with C6 = 10pF.
Table 2. Typical Output Current-Limit Value
R15
Typical Output Current Limit
1.81k
Ω
3A
2.7k
Ω
6.3A
March 25, 2014
25
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com