Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC28304 Datasheet(PDF) 35 Page - Micrel Semiconductor

Part # MIC28304
Description  70V 3A Power Module
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28304 Datasheet(HTML) 35 Page - Micrel Semiconductor

Back Button MIC28304 Datasheet HTML 31Page - Micrel Semiconductor MIC28304 Datasheet HTML 32Page - Micrel Semiconductor MIC28304 Datasheet HTML 33Page - Micrel Semiconductor MIC28304 Datasheet HTML 34Page - Micrel Semiconductor MIC28304 Datasheet HTML 35Page - Micrel Semiconductor MIC28304 Datasheet HTML 36Page - Micrel Semiconductor MIC28304 Datasheet HTML 37Page - Micrel Semiconductor MIC28304 Datasheet HTML 38Page - Micrel Semiconductor MIC28304 Datasheet HTML 39Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
Micrel, Inc.
MIC28304
Bill of Materials (Continued)
Item
Part Number
Manufacturer
Description
Qty.
R1
CRCW060310K0FKEA
Vishay Dale
(10)
10k
Ω Resistor, Size 0603, 1%
1
R2
CRCW08051R21FKEA
Vishay Dale
1.21Ω Resistor, Size 0805, 5%
1
R3
CRCW06031652F
Vishay Dale
16.5kΩ Resistor, Size 0603, 1%
1
R10
CRCW06033K24FKEA
Vishay Dale
3.24k
Ω Resistor, Size 0603, 1%
1
R11
CRCW06031K91FKEA
Vishay Dale
1.91k
Ω Resistor, Size 0603, 1%
1
R12
CRCW0603715R0FKEA
Vishay Dale
715
Ω Resistor, Size 0603, 1%
DNP
R14, R20
CRCW06030000FKEA
Vishay Dale
0
Ω Resistor, Size 0603, 5%
2
R15
CRCW04022K70JNED
Vishay Dale
2.7k
Ω Resistor, Size 0603, 1%
1
R16
CRCW0603100KFKEAHP
Vishay Dale
1
00kΩ Resistor, Size 0603, 1%
1
R18
CRCW060349K9FKEA
Vishay Dale
49.9
kΩ Resistor, Size 0603, 1%
1
R21
CRCW060349R9FKEA
Vishay Dale
49.9
Ω Resistor, Size 0603, 1%
1
R23
CRCW06031R21FKEA
Vishay Dale
1.21Ω Resistor, Size 0603, 1%
1
R4, R19
DNP
All reference
designators ending
with “A”
Open
U1
MIC28304-1YMP
Micrel, Inc.
(11)
70V, 3A Power Module
− Hyper Speed Control
Family
1
MIC28304-2YMP
Notes:
10. Vishay: www.vishay.com.
11. Micrel, Inc.: www.micrel.com.
March 25, 2014
35
Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com