Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAT800 Datasheet (PDF) - Solid State Inc

SAT800 Datasheet PDF - Solid State Inc
Part # SAT800
Download  SAT800 Download
File Size   487.99 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 60V

SAT800 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAT800 Datasheet PDF - Solid State Inc

Part # SAT800
Download  SAT800 Click to download

File Size   487.99 Kbytes
Page   10 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description VCEO = 60V

SAT800 Datasheet (HTML) - Solid State Inc


SAT800 Product details

Features
 VCEO = 60V
 Small 8 pin DIP/SMD package
 Low input power consumption
 High stability
 CTR Range 20 – 300%
 High Isolation Voltage (5000VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Registers, Copiers, Automatic Vending Machines
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecommunication Equipment, Telephones
 Home Appliances
 Digital Logic Inputs
 Microprocessor Inputs
 Switching Power Supplies




Similar Part No. - SAT800

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SAT800 SSOUSA-SAT800 Datasheet
524Kb / 4P
AC Input Dual Optocoupler
SAT800 SSOUSA-SAT800_15 Datasheet
471Kb / 10P
Small 8 pin DIP/SMD package
More results


Similar Description - SAT800

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBT1815 FCI-FMBT1815 Datasheet
69Kb / 2P
NPN Epitaxial Planar Transistor Collector - Emitter Voltage VCEO
logo
Tiger Electronic Co.,Lt...
2SC2383 TGS-2SC2383 Datasheet
405Kb / 2P
High voltage VCEO 160V
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
2SC5172 ISC-2SC5172 Datasheet
184Kb / 2P
High Collector Breakdown Voltage: VCEO =400V
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com