Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761MB Datasheet (PDF) - Nippon Precision Circuits Inc

CF5761MB Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5761MB
Download  CF5761MB Download
File Size   103.36 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description CMOS Analog Clock IC with Alarm Function

CF5761MB Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5761MB Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5761MB
Download  CF5761MB Click to download

File Size   103.36 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description CMOS Analog Clock IC with Alarm Function

CF5761MB Datasheet (HTML) - Nippon Precision Circuits Inc


CF5761MB Product details

OVERVIEW
The CF5761 series are analog clock ICs with alarm functions that derive their timing from a standard 32.768kHz oscillator element. Two kinds of alarm output are available and can be selected using a control pin. The series lineup comprises devices with various alarm patterns and motor outputs for a wide range of clock specifications. They support convenient functions, such as input chattering elimination circuit and power-on clear functions. They are fabricated using Molybdenum-gate CMOS process, realizing low power consumption.

FEATURES
■ 32.768kHz fundamental frequency oscillator
■ Feedback resistor and oscillator capacitor CD built-in
■ Supports various alarms: piezo-alarm, electromagnetic speaker
■ Snooze function
■ Switchable alarm function using SEL pin
■ Alarm auto-stop function (see series lineup)
■ Input chattering elimination circuit (SEL, AI, SN)
■ Test function
■ 1.2 to 3.6V operating supply voltage
■ Molybdenum-gate CMOS process
■ Chip form (CF5761××)




Similar Part No. - CF5761MB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
More results


Similar Description - CF5761MB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5732EA NPC-CF5732EA Datasheet
42Kb / 6P
Analog clock CMOS IC
CF5741AA NPC-CF5741AA Datasheet
56Kb / 7P
Analog Clock CMOS IC
CF5746AAB NPC-CF5746AAB Datasheet
56Kb / 7P
CMOS Analog Clock IC
CF5750A NPC-CF5750A Datasheet
113Kb / 4P
Analog Clock CMOS IC
CF5762AB0 NPC-CF5762AB0 Datasheet
98Kb / 10P
Analog Chime Clock CMOS IC
logo
NXP Semiconductors
PCF85063BTL NXP-PCF85063BTL Datasheet
533Kb / 53P
Tiny Real-Time Clock/calendar with alarm function and SPI-bus
Rev. 2-15 April 2013
logo
Nippon Precision Circui...
CF5760 NPC-CF5760 Datasheet
96Kb / 7P
CMOS Analog Clock IC
logo
ABLIC Inc.
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com