Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761MB Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # CF5761MB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761MB Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button CF5761MB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —7
Alarm Control
The alarm is controlled using AI, SN, and SEL inputs. These pins have built-in chattering elimination circuits
to prevent incorrect operation due to input chatter. The alarm output timing in response to these inputs is shown
in the following figure.
Input
Function
Input chatter elimination
AI
Alarm control input.
When AI is active, the specified alarm pattern is output on AO1, AO2 and AO3.
tON < 62.5ms, the input is not accepted.
tON > 125ms, the input is accepted.
62.5ms
≤ tON ≤ 125ms, the input state is
undefined.
SN
Snooze function control input.
When the snooze input is accepted, the snooze time count begins. The snooze time is 300s.
SEL
Alarm function select input.
Selects one of two alarm patterns. When SEL is switched (from HIGH to LOW, or LOW to
HIGH), the snooze state and auto-stop function is released, and the alarm signal is output.
SEL
Alarm output
5min
5min
AA
B
B A
SN
5min
B
5min 5min
AI
5min
5min
BB
A
A
AB
A
B
Auto-stop
released
Auto-stop
Snooze
released
Alarm
stops
ON
OFF
ON
OFF
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com