Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761MB Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5761MB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761MB Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5761MB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —3
BLOCK DIAGRAM
PAD DESCRIPTION and DIMENSIONS
Number
Name
I/O
Function
Pad dimensions
X [µm]
Y [µm]
1
O1
O
Movement motor drive output 1 (CMOS output)
155
1215
2
O2
O
Movement motor drive output 2 (CMOS output)
155
1023
3
VSS
–
Ground
155
835
4
AO2
O
Alarm output 2
155
567
5
AO1
O
Alarm output 1
155
155
6
AO3
O
Alarm output 3
351
155
7
SEL
I
Alarm function select. Pull-down resistor built-in
583
155
8
XTN
O
Crystal oscillator output. Oscillator capacitance CD built-in
1255
166
9
XT
I
Crystal oscillator input. Crystal connected between XT and XTN
1255
399
10
SN
I
Snooze input
Pull-down resistor built-in (CF5761CA, EA, HA)
Pull-up resistor built-in (CF5761LB, MB, NB)
1255
587
11
AI
I
Alarm input
Pull-down resistor built-in (CF5761CA, EA, HA)
Pull-up resistor built-in (CF5761LB, MB, NB)
1255
821
12
T1
I/O
Test pin
1217
1215
13
VDD
–
Supply
1029
1215
XT
6-stage
divider
5-stage
divider
4-stage
divider
4-stage
divider
XTN
T1
AI
SN
Test control
Alarm input
control
Snooze input
control
Alarm output
control
Alarm pattern
select
Alarm pattern
control
Motor output
control
AO2
AO1
AO3
SEL
O1
O2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com