Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761MB Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5761MB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761MB Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5761MB Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —4
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
1.5V operation
Ta = 25
°C, VSS = 0V, VDD = 1.5V, X’tal (f0 = 32.768kHz, CI = 35kΩ max, CG = 20pF) unless otherwise noted
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
−0.3 to 5.0
V
Input voltage range
VIN
VSS to VDD
V
Operating temperature range
Topr
−30 to 80
°C
Storage temperature range
Tstg
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating voltage
VDD
1.2
1.5
3.6
V
Oscillator startup time1
1. Measured using standard circuits.
t1
VDD = 1.2V
–
–
5.0
s
Frequency voltage characteristic
∆f/f
–
–
1.0
ppm/0.1V
Current consumption1
IDD
No output load
–
0.5
1.0
µA
No output load, F output
–
0.9
1.8
O1, O2 motor output current2
2. RL is the resistance of the motor coil connected between O1 and O2.
IOUT
VDD = 1.2V, RL = 400Ω
2.40
2.55
–
mA
AI HIGH-level input current
IIH1
VDD = 1.5V, VIH = 1.5V
0.6
3
7.5
µA
AI LOW-level input current
IIL1
VDD = 1.5V, VIL = 0V
0.6
3
7.5
µA
SN, SEL HIGH-level input current
IIH2
VDD = 1.5V, VIH = 1.5V
0.2
1
2
µA
IIH3
VDD = 1.5V, VIH = 0.5V
9
18
36
SN LOW-level input current
IIL2
VDD = 1.5V, VIL = 0V
0.2
1
2
µA
IIL3
VDD = 1.5V, VIL = 1.0V
9
18
36
AO1, AO2, AO3 LOW-level output
current3
3. The rating varies depending on the device selected. Please refer to the series lineup table for details.
IOL1
VDD = 1.5V, VOL = 0.75V
900
2000
–
µA
IOL2
VDD = 1.5V, VOL = 0.75V
10
30
100
AO1, AO2, AO3 HIGH-level output
current3
IOH1
VDD = 1.5V, VOH = 0.75V
900
2000
–
µA
IOH2
VDD = 1.5V, VOH = 0.75V
10
30
100
T1 LOW-level output current
IOLT
VDD = 1.5V, VOL = 1.5V
5
10
20
µA
T1 HIGH-level output current
IOHT
VDD = 1.5V, VOH = 0V
5
10
20
µA
F output voltage4
4. F output voltage is the difference voltage, with load capacitor CL connected between F and VSS pins, between 0.5VDD and the peak voltage.
VF
VDD = 1.2V, output
capacitance CL = 50pF
0.4
–
–
V
Built-in capacitance
CD
See series lineup
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com