Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5761MB Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # CF5761MB
Description  CMOS Analog Clock IC with Alarm Function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5761MB Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button CF5761MB Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5761MB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CF5761 series
SEIKO NPC CORPORATION —8
Alarm Modes
The CF5761 series provide several alarm modes and various alarm pattern outputs for a wide range of clock
specifications, as described in the following table.
The alarm pattern timing for each device in the CF5761 series is shown in the series lineup.
The CF5761HA has a special modulated alarm pattern when SEL is HIGH, as shown in the following figure.
Outputs AO1 and AO3 have a frequency modulated alarm waveform output at the alarm fundamental fre-
quency of 4kHz (4096Hz). The modulation pattern is output on AO2.
Power-ON Initialization
The CF5761 series are reset to the following conditions after power is applied.
I
AI, SN, SEL input state
These inputs are reset to LOW, except where the device has an active-LOW input in which case it is reset to
HIGH. See the series lineup table.
I
O1, O2
In step movement devices, both outputs are HIGH and subsequent output occurs on O1. In sweep movement
devices, O1 is reset LOW and O2 is reset HIGH, and output starts immediately.
I
AO1, AO2, AO3
No output after reset. However, F output (CF5761EA: 32kHz on AO3) and clock output start immediately.
I
Test mode
Test mode is released after reset. Note that after the oscillator starts, the input state of each pin is read and
operation commences accordingly.
Alarm mode
Mode description
Output
Device
Simple alarm
A fixed alarm pattern is repeatedly rung (basic mode).
Motor bell
Piezo-electric speaker
Electromagnetic speaker
CF5761CA/EA/HA/LB/MB
Step tone
modulated alarm
At fixed intervals, the alarm pattern changes, increasing the tone pitch
with each step.
Motor bell
CF5761EA
Step volume
modulated alarm
At fixed intervals, using a fixed alarm pattern, the output waveform duty
changes, increasing the volume with each step.
Piezo-electric speaker
Electromagnetic speaker
CF5761LB/MB/NB
AO1 output
62.5msec 62.5msec
437.5msec
1sec
187.5msec
AO3 output
AO2 output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com