Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL73005SEHVF Datasheet (PDF) - Renesas Technology Corp

ISL73005SEHVF Datasheet PDF - Renesas Technology Corp
Part # ISL73005SEHVF
Download  ISL73005SEHVF Download
File Size   1458.77 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT

ISL73005SEHVF Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL73005SEHVF Datasheet PDF - Renesas Technology Corp

Part # ISL73005SEHVF
Download  ISL73005SEHVF Click to download

File Size   1458.77 Kbytes
Page   46 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Dual Output 3A Synchronous Buck and ±1A LDO Regulator for DDR VDDQ and VTT

ISL73005SEHVF Datasheet (HTML) - Renesas Technology Corp


ISL73005SEHVF Product details

Features
• Electrically screened to DLA SMD 5962-19209
• Dual Output Regulator: 3A Synchronous Buck and
±1A LDO
• DDR, DDR2, DDR3, and DDR4 VDDQ/VTT
Regulator
• Independent EN, SS, and PG indicators
• ±1% reference voltage
• External clock synchronization: 100kHz to 1MHz
• Full military temperature range operation
○ TA = -55°C to +125°C
○ TJ = -55°C to +150°C
• TID Rad Hard Assurance (RHA) testing -
ISL70005SEH
○ HDR (50-300rad(Si)/s): 100krad(Si)
○ LDR (0.01rad(Si)/s): 75krad(Si)
• TID Rad Hard Assurance (RHA) testing -
ISL73005SEH
○ LDR (0.01rad(Si)/s): 75krad(Si)
• SEE Characterization (see test report)
○ No DSEE with VDD = 6.0V at 86.4MeV•cm2/mg
○ No SEFI at LET 43MeV•cm2/mg




Similar Part No. - ISL73005SEHVF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL73005SEHVF RENESAS-ISL73005SEHVF Datasheet
1Mb / 46P
Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
More results


Similar Description - ISL73005SEHVF

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
Triple Output Regulator with Single Synchronous Buck and Dual LDO
October 2003
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
logo
HTC Korea TAEJIN Techno...
TJ3212 HTC-TJ3212 Datasheet
564Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
logo
ON Semiconductor
CM3202-02DE ONSEMI-CM3202-02DE Datasheet
199Kb / 11P
DDR VDDQ and VTT Termination Voltage Regulator
March, 2011 ??Rev. 3
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
logo
Renesas Technology Corp
ISL6531 RENESAS-ISL6531 Datasheet
897Kb / 18P
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTT Termination
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com