Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC3190B-F Datasheet (PDF) - Analog Devices

DC3190B-F Datasheet PDF - Analog Devices
Part # DC3190B-F
Download  DC3190B-F Download
File Size   2051.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 54V Input, High Current DC/DC Power μModule with PMBus Interface

DC3190B-F Datasheet (PDF)

Go To PDF Page Download Datasheet
DC3190B-F Datasheet PDF - Analog Devices

Part # DC3190B-F
Download  DC3190B-F Click to download

File Size   2051.65 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 54V Input, High Current DC/DC Power μModule with PMBus Interface

DC3190B-F Datasheet (HTML) - Analog Devices




Similar Part No. - DC3190B-F

ManufacturerPart #DatasheetDescription
logo
promoco-motors.com
DC31 PROMOCO-DC31 Datasheet
138Kb / 1P
High Performance DC-motor
logo
Analog Devices
DC3107A AD-DC3107A Datasheet
1Mb / 38P
20VIN, 20A Step-Down DC-to-DC μModule Regulator
Rev. 0
DC3107A AD-DC3107A Datasheet
1Mb / 11P
20VIN, 20A Step-Down μModule Regulator
Rev. 0
DC3109A AD-DC3109A Datasheet
918Kb / 12P
Evaluating the LTC3306 3.3 V to 1.2 V at 1.75 A, 2 MHz Synchronous Step-Down Regulator in an 11 mm2 Solution
Rev. 0
DC3109A-A AD-DC3109A-A Datasheet
918Kb / 12P
Evaluating the LTC3306 3.3 V to 1.2 V at 1.75 A, 2 MHz Synchronous Step-Down Regulator in an 11 mm2 Solution
Rev. 0
More results


Similar Description - DC3190B-F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Texas Instruments
PWR091EVM TI1-PWR091EVM Datasheet
3Mb / 49P
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
logo
Analog Devices
LTC7131-1 AD-LTC7131-1 Datasheet
2Mb / 44P
25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
Rev. 0
LTP8803-1A AD-LTP8803-1A Datasheet
2Mb / 20P
160A DC/DC Power μModule Regulator with PMBus Interface
Rev. 0
logo
Renesas Technology Corp
RAA210825 RENESAS-RAA210825 Datasheet
2Mb / 56P
Pin-Configurable 25A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210833 RENESAS-RAA210833 Datasheet
2Mb / 57P
Pin-Configurable 33A DC/DC Power Module with PMBus Interface
Feb 8, 2019
RAA210850 RENESAS-RAA210850 Datasheet
2Mb / 58P
Pin-Configurable 50A DC/DC Power Module with PMBus Interface
Mar 15, 2019
RAA210870 RENESAS-RAA210870 Datasheet
2Mb / 58P
Pin-Configurable 70A DC/DC Power Module with PMBus Interface
Oct 23, 2018
RAA210925 RENESAS-RAA210925 Datasheet
2Mb / 64P
Pin-Configurable Dual 25A DC/DC Power Module with PMBus Interface
May 31, 2019
logo
Analog Devices
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com