Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet (PDF) - Texas Instruments

AMC80 Datasheet PDF - Texas Instruments
Part # AMC80
Download  AMC80 Download
File Size   506.69 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface

AMC80 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC80 Datasheet PDF - Texas Instruments

Part # AMC80
Download  AMC80 Click to download

File Size   506.69 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface

AMC80 Datasheet (HTML) - Texas Instruments


AMC80 Product details

1 Features
1• 10-Bit ADC With Seven Analog Inputs
• Fan-Speed Monitoring Inputs
• Input Range/Resolution:
– Default: 2.56 V/2.5 mV
– Programmable: V DD/6 mV
• Chassis Intrusion Detection Input
• Interrupt Alarms:
– Upper Over-Limit
– Lower Under-Limit
• Interrupt Status Register Input for External
Temperature Sensors
• Shutdown Mode
• Programmable RST_OUT/OS
• Pin Compatible with LM96080 and LM80
• Package: 24-Pin TSSOP

2 Applications
• Communications Equipment
• Servers
• Industrial and Medical Equipment
• Storage Area Networks
• Set-Top Boxes
• Test and Measurement Equipment

3 Description
The AMC80 is a system hardware monitoring and
control circuit that includes a seven-channel, 10-bit analog-to-digital converter (ADC), two programmable
fan-speed monitors, and a two-wire interface. The
AMC80 also includes programmable upper over-limit
and lower under-limit alarms that activate when the
programmed limits are exceeded.
The AMC80 can interface with both linear and digital temperature sensors. The 2.5-mV least significant bit
(LSB) and 2.56-V input range can accept inputs from
a linear sensor such as the TMP20. The BTI pin is
used as an input from a digital sensor such as the
TMP75. The AMC80 operates from a 3-V to 5.5-V supply voltage, has low supply current, and can be
configured using a two-wire interface, thus making it
ideal for a wide range of applications.
The AMC80 is available in a 24-lead TSSOP package
and is fully specified over the –40°C to +125°C
temperature range.




Similar Part No. - AMC80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
AMC80AIPW TI1-AMC80AIPW Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
AMC80AIPWR TI1-AMC80AIPWR Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
AMC80PW TI1-AMC80PW Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
AMC80PWR TI1-AMC80PWR Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
More results


Similar Description - AMC80

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Global Mixed-mode Techn...
G771 GMT-G771 Datasheet
268Kb / 15P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset Circuit
logo
National Semiconductor ...
LM80 NSC-LM80_01 Datasheet
440Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM81 NSC-LM81_02 Datasheet
419Kb / 33P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
Silicon Standard Corp.
SS8017 SSC-SS8017 Datasheet
497Kb / 16P
Two Remote Temperature Sensors with SMBus Serial Interface and System Reset
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com