Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 3 Page - Texas Instruments

  AMC80 Datasheet HTML 1Page - Texas Instruments AMC80 Datasheet HTML 2Page - Texas Instruments AMC80 Datasheet HTML 3Page - Texas Instruments AMC80 Datasheet HTML 4Page - Texas Instruments AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
INT_IN
SDA
SCL
FAN1
FAN2
BTI
GPI/CI
GND
V+
INT
GPO
NTEST_INRESET_IN
/
A2
A1
A0/NTEST_OUT
CH0
CH1
CH2
CH3
CH4
CH5
CH6
AGND
RST_OUTOS
/
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
AMC80
14
13
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
PW Package
24-Pin TSSOP
Top View
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com