Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 9 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments AMC80 Datasheet HTML 10Page - Texas Instruments AMC80 Datasheet HTML 11Page - Texas Instruments AMC80 Datasheet HTML 12Page - Texas Instruments AMC80 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0.16
0.12
0.08
0.04
5.5
5
4.5
4
3.5
3
2.5
V+(V)
240
220
200
180
160
140
120
100
5.5
5
4.5
4
3.5
3
2.5
V+(V)
45
40
35
30
25
20
15
10
5
0
5.5
5
4.5
4
3.5
3
2.5
V+(V)
50
45
40
35
30
25
20
15
10
5
0
5.5
5
4.5
4
3.5
3
2.5
V+(V)
220
200
180
160
140
120
100
5.5
5
4.5
4
3.5
3
2.5
V+(V)
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
6.7 Typical Characteristics
At TA = +25°C and V+ = 3 V to 5.5 V, unless otherwise noted.
Figure 2. Average Quiescent Current vs Supply Voltage
Figure 3. Quiescent Current During Voltage Conversion vs
Supply Voltage
Figure 4. Quiescent Current During Temperature
Figure 5. Quiescent Current During Shutdown vs Supply
Conversion vs Supply Voltage
Voltage
Figure 6. Temperature Error vs Supply Voltage
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com