Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 6 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC80 Datasheet HTML 2Page - Texas Instruments AMC80 Datasheet HTML 3Page - Texas Instruments AMC80 Datasheet HTML 4Page - Texas Instruments AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments AMC80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
6.5 Electrical Characteristics
At TA –40°C to +125°C and V+ = 3 V to 5.5 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS
VIH
Input high voltage
2
V
VIL
Input low voltage
0.8
V
V+ = 3.3 V
0.23
V
VHYS
Hysteresis voltage
V+ = 5 V
0.33
V
VIH = V+, all pins except BTI
–1
–0.005
µA
IIH
Input high current
VIH = V+, BTI pin
–10
–1
µA
VIL = 0 V, all pins except BTI
0.005
1
µA
IIL
Input low current
VIL = 0 V, V+ = 5.5 V, BTI pin
2
mA
CIN
Input capacitance
20
pF
ANALOG INPUTS
Default
0
2.56
V
VIN
Input voltage range
Programmable
0
V+
V
IL-ON
Input leakage current (on)
±0.005
µA
IL-OFF
Input leakage current (off)
±0.005
µA
RIN
Input resistance
2
10
k
Ω
DIGITAL OUTPUTS (A0/NTEST_OUT, INT)
VOH
Output high voltage
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V
2.4
V
VOL
Output low voltage
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V
0.4
V
DIGITAL OPEN-DRAIN OUTPUTS (GPO, RST_OUT/OS, GPI/CI, SDA)
IOUT = 3 mA/5 mA, V+ = 3 V/4.5 V,
0.4
all pins except SDA
VOL
Output low voltage
V
IOUT = 4 mA, V+ = 3 V, SDA pin
0.4
IOH
Output high current
VOUT = V+
0.005
1
µA
tw
Pulse duration
RST_OUT/OS, GPI/CI
10
22.5
ms
SMBus
SMBus timeout(1)
28
35
ms
TEMPERATURE ERROR
TA = –40°C to +125°C
±3
°C
TE
Temperature error
TA = –25°C to +100°C
±2
°C
TR
Temperature resolution
0.0625
°C
ANALOG-TO-DIGITAL CONVERTER
VIN = 2.56 V
2.5
VR
Resolution
mV
VIN = V+
6
DNL
Differential linearity
–1
1
LSB(2)
ADCERR
Total unadjusted error(3)
–1%
1%
±0.0008
PSRR
Power supply rejection ratio
%
tC
(4)
Total conversion time
662
728
810
ms
(1)
The SMBus timeout in the AMC80 resets the interface anytime SCL or SDA is low for over 28 ms.
(2)
LSB means least significant bit.
(3)
Total unadjusted error contains offset, gain, and linearity errors of the ADC.
(4)
Total conversion time contains the temperature conversion, the seven analog input voltage conversions, and the two tachometer
readings.
6
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com