Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 22 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AMC80 Datasheet HTML 18Page - Texas Instruments AMC80 Datasheet HTML 19Page - Texas Instruments AMC80 Datasheet HTML 20Page - Texas Instruments AMC80 Datasheet HTML 21Page - Texas Instruments AMC80 Datasheet HTML 22Page - Texas Instruments AMC80 Datasheet HTML 23Page - Texas Instruments AMC80 Datasheet HTML 24Page - Texas Instruments AMC80 Datasheet HTML 25Page - Texas Instruments AMC80 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Count=
1.35
10
´
´
6
RPM
Divisor
AMC80
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
www.ti.com
Application Information (continued)
8.1.2 Analog Inputs
In the default state, the 10-bit ADC has a 2.5-mV LSB, yielding a 2.56-V full-scale input range. The input range
can also be programmed with several values up to the V+ full-scale input range with a 6-mV LSB. These settings
are programmed by bits 3 to 5 in the ADC Control Register.
In most applications, the analog inputs are often connected to power supplies. The voltage inputs should be
attenuated with external resistors to any desired value within the input range.
CAUTION
Care should be taken not to exceed V+ on the device input pins at any time.
In select applications where inputs to be monitored are differential in nature, analog inputs (CH0 to CH5) can be
configured as up to three differential pairs (inputs 0-1, 2-3, and 4-5) by setting bits 0, 2, and 4 in the Input Mode
Register. If needed, the input pair polarity can be changed by setting bits 1, 3, and 5 in the Input Mode Register.
8.1.3 Fan Inputs
Inputs are provided on the AMC80 for signals from fans equipped with tachometer outputs. Signal conditioning in
the AMC80 accommodates the slow rise and fall times typical of fan tachometer outputs. The maximum input
signal range is 0 V to 5.5 V. In the event that these inputs are supplied from fan outputs that exceed 0 V to 5.5 V,
either resistive division or diode clamping must be included to keep inputs within an acceptable range.
The Fan Inputs gate an internal 22.5-kHz oscillator for one period of the Fan signal into an 8-bit counter
(maximum count = 255). The default divisor is set to 2 (choices are 1, 2, 4, and 8) providing a nominal count of
153 for a 4400 RPM fan with two pulses per revolution. Typical practice is to consider 70% of normal RPM a fan
failure, at which point the count will be 219. The fan count can be determined as shown in Equation 1:
Where:
RPM = fan speed
Divisor = fan 1 or fan 2 divisor set through the Fan_Divisor/RST_OUT/OS Register (address 05h)
(1)
FAN1 and FAN2 inputs can also be programmed to be level-sensitive interrupt inputs. Fans that provide only one
pulse per revolution require a divisor that is set twice as high as fans that provide two pulses, thus maintaining a
nominal fan count of 153. Therefore, using Equation 1, the divisor should be set to 4 for a fan that provides one
pulse per revolution with a nominal RPM of 4400.
22
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com