Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 5 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 5 Page - Texas Instruments

  AMC80 Datasheet HTML 1Page - Texas Instruments AMC80 Datasheet HTML 2Page - Texas Instruments AMC80 Datasheet HTML 3Page - Texas Instruments AMC80 Datasheet HTML 4Page - Texas Instruments AMC80 Datasheet HTML 5Page - Texas Instruments AMC80 Datasheet HTML 6Page - Texas Instruments AMC80 Datasheet HTML 7Page - Texas Instruments AMC80 Datasheet HTML 8Page - Texas Instruments AMC80 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
(1)
Over operating free-air temperature range, unless otherwise noted.
MIN
MAX
UNIT
Power-supply voltage range, V+
–0.3
7
V
Pins 6, 10, 15, 16, 17, 18, 19, 20, 21, 22, 24
–0.3
(V+) + 0.3
Input voltage range, VIN
V
Pins 1, 2, 3, 4, 5, 7, 9, 11, 12, 13, 23
–0.3
7
Input current, IIN
10
mA
Operating temperature range, TA
–55
127
°C
Junction temperature range, TJ max
150
°C
Storage temperature range, TSTG
–65
150
°C
(1)
Stresses above these ratings my cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. ance.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage range, V+
3
5.5
V
Input voltage range, VIN
–0.05
(V+) + 0.05
V
Operating temperature range, TA
–40
125
°C
6.4 Thermal Information
AMC80
THERMAL METRIC(1)
PW (TSSOP)
UNIT
24 PINS
RθJA
Junction-to-ambient thermal resistance
100.72
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
31.4
°C/W
RθJB
Junction-to-board thermal resistance
54.7
°C/W
ψJT
Junction-to-top characterization parameter
1.0
°C/W
ψJB
Junction-to-board characterization parameter
54.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com