Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC80 Datasheet(PDF) 17 Page - Texas Instruments

Part # AMC80
Description  AMC80 System Hardware Monitor with Two-Wire and SMBus Serial Interface
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC80 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AMC80 Datasheet HTML 13Page - Texas Instruments AMC80 Datasheet HTML 14Page - Texas Instruments AMC80 Datasheet HTML 15Page - Texas Instruments AMC80 Datasheet HTML 16Page - Texas Instruments AMC80 Datasheet HTML 17Page - Texas Instruments AMC80 Datasheet HTML 18Page - Texas Instruments AMC80 Datasheet HTML 19Page - Texas Instruments AMC80 Datasheet HTML 20Page - Texas Instruments AMC80 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AMC80
www.ti.com
SBOS559B – MAY 2011 – REVISED OCTOBER 2015
7.5.3 Interrupt Mask Registers
Table 6. Interrupt Mask Register 1 (Address = 03h, Default = 00h)
BIT
NAME
TYPE
DESCRIPTION
0
CH0
R/W
1
CH1
R/W
2
CH2
R/W
3
CH3
R/W
'1' disables the corresponding interrupt status bit in Table 4 to trigger the INT interrupt.
4
CH4
R/W
5
CH5
R/W
6
CH6
R/W
7
INT_IN
R/W
Table 7. Interrupt Mask Register 2 (Address = 04h, Default = 00h)
BIT
NAME
TYPE
DESCRIPTION
0
Hot Temperature
R/W
1
BTI
R/W
2
FAN 1
R/W
'1' disables the corresponding interrupt status bit in Table 5 to trigger the INT interrupt.
3
FAN 2
R/W
4
GPI/CI
R/W
5
OS
R/W
INT Interrupt Mode
6
R/W
'0' selects Default Interrupt mode. '1' selects One-Time Interrupt mode.
Select
OS Interrupt Mode
7
R/W
'0' selects Comparator mode. '1' selects One-Time Interrupt mode.
Select
7.5.4 Fan Divisor/RST_OUT/OS Register
Table 8. Fan Divisor/RST_OUT/OS Register (Address = 05h, Default = 14h)
BIT
NAME
TYPE
DESCRIPTION
0
FAN1 Mode Select
R/W
'1' selects the level-sensitive input mode. '0' selects the fan count mode for the FAN1 input.
1
FAN2 Mode Select
R/W
'1' selects the level-sensitive input mode. '0' selects the fan count mode for the FAN2 input.
2
FAN1 RPM Control 1
R/W
FAN1 speed control:
'00' = divide by 1.
'01' = divide by 2.
'10' = divide by 4.
3
FAN1 RPM Control 0
R/W
'11' = divide by 8.
If level-sensitive input is selected, '01' selects an active-low input and '00' selects an active-
high input.
4
FAN2 RPM Control 1
R/W
FAN2 speed control:
'00' = divide by 1.
'01' = divide by 2.
'10' = divide by 4.
5
FAN2 RPM Control 0
R/W
'11' = divide by 8.
If level select input is selected, '01' selects an active-low input and '00' selects an active-high
input.
'1' enables OS mode on the RST_OUT/OS pin when bit 7 is set to '0'.
6
OS Pin Enable
R/W
NOTE: When bits 6 and 7 are both set to '1', the RST_OUT/OS pin is disabled.
'1' enables RST_OUT mode on the RST_OUT/OS pin when bit 6 is set to '0'.
7
RST_OUT Pin Enable
R/W
NOTE: When bits 6 and 7 are both set to '1', the RST_OUT/OS pin is disabled.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AMC80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com