Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1951 Datasheet (PDF) - Renesas Technology Corp

F1951 Datasheet PDF - Renesas Technology Corp
Part # F1951
Download  F1951 Download
File Size   1818.38 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-bit Digital Step Attenuator 400 to 4000 MHz

F1951 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1951 Datasheet PDF - Renesas Technology Corp

Part # F1951
Download  F1951 Click to download

File Size   1818.38 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 6-bit Digital Step Attenuator 400 to 4000 MHz

F1951 Datasheet (HTML) - Renesas Technology Corp


F1951 Product details

FEATURES
• Glitch-FreeTM, < 0.6dB transient overshoot
• Spurious Free Design
• 2.7 to 3.6 V supply
• Attenuation Error < 0.5dB at 2GHz
• Low Insertion Loss < 1.4dB at 2GHz
• Excellent Linearity >+60dBm IP3I
• Fast settling time, < 400ns
• Serial or Parallel Interface 31.5dB Range
• Stable Integral Non-Linearity over temperature
• Low Power Consumption < 200μA
• Integrated DC blocking capacitors
• Drop-In replacement
• 4 x 4 mm thin 20-VFQFPN package




Similar Part No. - F1951

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Serial and 6 bit Parallel Interface
F1951 RENESAS-F1951 Datasheet
2Mb / 23P
Glitch-FreeTM, < 0.6 dB transient overshoot Spurious Free Design
F1951 RENESAS-F1951 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
More results


Similar Description - F1951

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5324 AD-ADL5324 Datasheet
579Kb / 20P
400 MHz to 4000 MHz
REV. B
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
6-bit 0.5 dB Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
F1978 IDT-F1978 Datasheet
4Mb / 26P
6-Bit, 75 Digital Step Attenuator
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com