Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6N60 Datasheet (PDF) - SYC Electronica

6N60 Datasheet PDF - SYC Electronica
Part # 6N60
Download  6N60 Download
File Size   336.17 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
6N60 Datasheet PDF - SYC Electronica

Part # 6N60
Download  6N60 Click to download

File Size   336.17 Kbytes
Page   7 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description 6.2A, 600V N-CHANNEL POWER MOSFET

6N60 Datasheet (HTML) - SYC Electronica


6N60 Product details

 DESCRIPTION
The UTC 6N60 is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in switching power
supplies and adaptors.
 FEATURES
* RDS(ON) < 1.5Ω @VGS = 10V
* Ultra low gate charge (typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 10pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness




Similar Part No. - 6N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60 UTC-6N60 Datasheet
141Kb / 7P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
249Kb / 6P
6.2 Amps, 600/650 Volts N-CHANNEL MOSFET
6N60 UTC-6N60 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
logo
Nell Semiconductor Co.,...
6N60 NELLSEMI-6N60 Datasheet
486Kb / 10P
N-Channel Power MOSFET
logo
Inchange Semiconductor ...
6N60 ISC-6N60 Datasheet
157Kb / 2P
Avalanche Energy Specified
More results


Similar Description - 6N60

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
July 1999
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
600V N-Channel Power MOSFET
logo
Unisonic Technologies
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
6.2A, 600V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
6.2A, 900V N-CHANNEL POWER MOSFET
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
6.2A 600V N-CHANNEL POWER MOSFET
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
6.2A 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
Single N-Channel, 30V, 6.2A, Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com