Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2609L-R Datasheet (PDF) - Skyworks Solutions Inc.

SE2609L-R Datasheet PDF - Skyworks Solutions Inc.
Part # SE2609L-R
Download  SE2609L-R Download
File Size   208.04 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2609L: 2.4 GHz Power Amplifier with Power Detector

SE2609L-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2609L-R Datasheet PDF - Skyworks Solutions Inc.

Part # SE2609L-R
Download  SE2609L-R Click to download

File Size   208.04 Kbytes
Page   10 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description SE2609L: 2.4 GHz Power Amplifier with Power Detector

SE2609L-R Datasheet (HTML) - Skyworks Solutions Inc.


SE2609L-R Product details

Applications
 DSSS 2.4 GHz WLAN (IEEE802.11b)
 OFDM 2.4 GHz WLAN (IEEE802.11g or IEEE802.11n)
 Access Points, PCMCIA, PC cards
Features
 3.3 V Supply Operation with 2.85 V reference
o 19 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps
o 22 dBm, ACPR < -32 dBc, 802.11b
 5.0V Supply Operation with 2.85V reference
 28 dB Gain
 Integrated temperature compensated power detector
 Analog reference voltage control for maximum flexibility
 Lead Free, Halogen Free and RoHS compliant
 Small package: 8 pin 2 mm x 2 mm x 0.9 mm QFN, MSL 1
Product Description
The SE2609L is a 2.4 GHz power amplifier designed for use in the 2.4 GHz ISM band for wireless LAN applications. The device incorporates a power detector for closed loop monitoring of the output power.
The SE2609L is enabled by a 2.85V reference.
The SE2609L temperature compensated power detector is highly immune to mismatch at its output with less than 1.5 dB of variation with a 2:1 mismatch.




Similar Part No. - SE2609L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
logo
SiGe Semiconductor, Inc...
SE2600S-EK1 SIGE-SE2600S-EK1 Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
SE2600S-R SIGE-SE2600S-R Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2604L SKYWORKS-SE2604L Datasheet
290Kb / 9P
SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
May 12, 2014
More results


Similar Description - SE2609L-R

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com