Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2609L-R Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SE2609L-R
Description  SE2609L: 2.4 GHz Power Amplifier with Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2609L-R Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SE2609L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DATA SHEET
SE2609L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202439A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
3
2
DET
Analog power detector output
3
GND
Ground
4
RF_IN
RF input
5
VCC
Supply stage 1 and 0
6
VCC
Supply stage 2
7
GND
Ground
8
RF_OUT
RF output & Supply Stage 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com