Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2609L-R Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SE2609L-R
Description  SE2609L: 2.4 GHz Power Amplifier with Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2609L-R Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SE2609L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DATA SHEET
SE2609L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202439A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
4
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on pins VCC
-0.3
5.5
V
VREF
Power Amplifier Reference Voltage
-0.3
3.6
V
RFin
RF Input Power, RF_OUT terminated into 50
Ω match
-
10
dBm
TSTG
Storage Temperature Range
-40
150
°C
ESD HBM
JEDEC JESD22-A114 all pins
500
V
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
5.5
V
TA
Ambient Temperature
-20
85
°C
DC Electrical Characteristics
Conditions:
VCC = 3.3, VREF = 2.85 V, TA = 25 °C, as measured on Skyworks Solutions’ SE2609L-EK1 evaluation
board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11b
Supply Current
(Sum of VCC0, VCC,
VCC3)
POUT = 22 dBm, 11 Mbps CCK signal,
BT = 0.45, VCC = VCC3 = 3.3 V
-
200
-
mA
POUT = 24 dBm, 11 Mbps CCK signal,
BT = 0.45, VCC = VCC3 = 5.0 V
260
ICC-802.11g
Supply Current (Sum
of VCC,VCC3)
POUT = 19 dBm, 54 Mbps OFDM
signal, 64 QAM, VCC = VCC3 = 3.3 V
-
160
-
mA
POUT = 22 dBm, 54 Mbps OFDM
signal, 64 QAM, VCC = VCC3 = 5.0 V
220
ICQ
Supply Current
(Sum of VCC,VCC3)
No RF
-
100
-
mA
IOFF
Supply Current
VREF = 0 V, No RF
-
2
10
μA
VREF
Reference Voltage
-
2.70
2.85
2.90
V
IREF
Input Current Logic
High Voltage
-
-
2.0
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com