Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2609L-R Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SE2609L-R
Description  SE2609L: 2.4 GHz Power Amplifier with Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2609L-R Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SE2609L-R Datasheet HTML 1Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
SE2609L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202439A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
1
Applications
DSSS 2.4 GHz WLAN (IEEE802.11b)
OFDM 2.4 GHz WLAN (IEEE802.11g or
IEEE802.11n)
Access Points, PCMCIA, PC cards
Features
3.3 V Supply Operation with 2.85 V reference
o
19 dBm, EVM = 3 %, 802.11g, OFDM 54
Mbps
o
22 dBm, ACPR < -32 dBc, 802.11b
5.0V Supply Operation with 2.85V reference
28 dB Gain
Integrated
temperature
compensated
power
detector
Analog reference voltage control for maximum
flexibility
Lead Free, Halogen Free and RoHS compliant
Small package: 8 pin 2 mm x 2 mm x 0.9 mm
QFN, MSL 1
Ordering Information
Part Number
Package
Remark
SE2609L
8 Pin QFN
Samples
SE2609L-R
8 Pin QFN
Tape and Reel
SE2609L-AK1
Application Kit
Standard
Product Description
The SE2609L is a 2.4 GHz power amplifier designed
for use in the 2.4 GHz ISM band for wireless LAN
applications.
The
device
incorporates
a
power
detector for closed loop monitoring of the output
power.
The SE2609L is enabled by a 2.85V reference.
The
SE2609L
temperature
compensated
power
detector is highly immune to mismatch at its output
with less than 1.5 dB of variation with a 2:1 mismatch.


Similar Part No. - SE2609L-R

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2600S SIGE-SE2600S Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2600S SKYWORKS-SE2600S Datasheet
647Kb / 10P
2.4 GHz WLAN Switch/Low-Noise Amplifier Front-End
logo
SiGe Semiconductor, Inc...
SE2600S-EK1 SIGE-SE2600S-EK1 Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
SE2600S-R SIGE-SE2600S-R Datasheet
134Kb / 2P
2.4 GHz WLAN Switch/LNA Front End Preliminary
logo
Skyworks Solutions Inc.
SE2604L SKYWORKS-SE2604L Datasheet
290Kb / 9P
SE2604L: 2.4 GHz High Power Wireless LAN Power Amplifier
May 12, 2014
More results

Similar Description - SE2609L-R

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST12LP14 SST-SST12LP14 Datasheet
226Kb / 12P
2.4 GHz Power Amplifier
logo
SiGe Semiconductor, Inc...
SE2582L SIGE-SE2582L Datasheet
294Kb / 8P
RangeCharger??2.4 GHz Power Amplifier with Power Detector
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
5 GHz Power Amplifier with Power Detector
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE2433T SKYWORKS-SE2433T Datasheet
1Mb / 13P
2.4 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com