Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE2609L-R Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SE2609L-R
Description  SE2609L: 2.4 GHz Power Amplifier with Power Detector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE2609L-R Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SE2609L-R Datasheet HTML 2Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 3Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 4Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 5Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 6Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 7Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 8Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 9Page - Skyworks Solutions Inc. SE2609L-R Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
DATA SHEET
SE2609L: 2.4 GHz Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202439A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 25, 2012
10
Document Change History
Revision
Date
Notes
1.0
Mar 23, 2010
Created
1.1
Apr 30, 2010
Updated Package Marking
1.2
Jun 10, 2010
Updated tape and reel information
1.3
Aug 19, 2010
Updated tape and reel information
Updated VSWR Conditions
1.4
Oct 12, 2010
Updated to include 5V operating conditions
Updated VREF (MIN) to 2.7V
1.5
Nov 01, 2010
Updated ESD rating
1.6
Apr 03, 2012
Updated with Skyworks logo and disclaimer statement
Copyright © 2012 Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein,
are provided by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or
omissions in these materials or the information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time,
without notice. Skyworks makes no commitment to update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other
difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials,
products or information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in
Skyworks Terms and Conditions of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE,
INCLUDING FITNESS FOR A PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL
SUCH WARRANTIES ARE HEREBY EXPRESSLY DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR
OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT,
INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION, LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE
MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to
personal injury, death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to
fully indemnify Skyworks for any damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or
operation of products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks.
Skyworks assumes no liability for applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated
published specifications or parameters.
Skyworks, the Skyworks symbol, and “Breakthrough Simplicity” are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries.
Third-party brands and names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions,
posted at www.skyworksinc.com, are incorporated by reference.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com