Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet (PDF) - Texas Instruments

LM3537 Datasheet PDF - Texas Instruments
Part # LM3537
Download  LM3537 Download
File Size   692.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3537 8-Channel WLED Driver with Four Integrated LDOs

LM3537 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3537 Datasheet PDF - Texas Instruments

Part # LM3537
Download  LM3537 Click to download

File Size   692.68 Kbytes
Page   33 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3537 8-Channel WLED Driver with Four Integrated LDOs

LM3537 Datasheet (HTML) - Texas Instruments


LM3537 Product details

1FEATURES
2Lighting:
• 8-channel Backlight Capability
• Internal ALS Engine; PWM Input to Support
CABC
• Built-In Power Supply and Gain Control for
Ambient Light Sensor
• Up to 90% Efficiency
• Adaptive Charge Pump with 1x and 1.5x
Ggains for Maximum Efficiency
• 128 Dimming Steps for Group A, Exponential
or Linear Dimming Selectable by Register
Setup
• 8 Linear Dimming States for Group B
LDOs:
• 4 Programmable LDOs (300 mA/150 mA Output
Currents)
• Default Startup Voltage States
• Low Dropout Voltage: 100 mV typ. at 150 mA
Load Current
• LDO Input Voltage = 1.8V to VIN_A
• Overload Protection
Combined Common Features:
• Wide Input Voltage Range: 2.7V to 5.5V
• I2C-Compatible Serial Interface
• 2 General-Purpose Outputs

APPLICATIONS
• Smartphone Lighting
• MP3 Players, Gaming Devices
• Digital Cameras

DESCRIPTION
The LM3537 is a highly integrated LED driver
capable of driving 8 LEDs in parallel for single display
backlighting applications. Independent LED control
allows for a subset of the main display LEDs to be
selected for partial illumination applications.




Similar Part No. - LM3537

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3537TME TI1-LM3537TME Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3537TME/NOPB TI1-LM3537TME/NOPB Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3537TMX TI1-LM3537TMX Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
More results


Similar Description - LM3537

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845 Datasheet
841Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
8-Channel WLED Linear Driver
logo
Texas Instruments
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538_13 Datasheet
1Mb / 31P
6-Channel WLED Driver with Four Integrated LDOs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com