Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 3 Page - Texas Instruments

  LM3537 Datasheet HTML 1Page - Texas Instruments LM3537 Datasheet HTML 2Page - Texas Instruments LM3537 Datasheet HTML 3Page - Texas Instruments LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM3537
www.ti.com
SNVS634B – JUNE 2011 – REVISED MAY 2013
Pin Descriptions
Bump
Name
Description
C5
VIN_A
Input voltage for LED driver and sensor interface. Input range: 2.7V to 5.5V.
E5
VIN_B
Input voltage for the regulators. This must be connected to the same voltage supply as
VIN_A
F5
VIN_C
Input voltage (power rail) for the LDO regulators. 1.8V
≤ VIN_C ≤ VIN_A
B1
SCL
Serial interface clock
B3
SDA
Serial interface data
A1
HWEN
Hardware enable pin. High = normal operation, low = RESET
B2
PWM
External PWM Input - Allows the current sinks to be turned on and off at a frequency and
duty cycle externally controlled. Minimum on-time pulse width = 15 µsec.
E4
SBIAS
Power supply for a light sensor. Leave unconnected if not used.
E3
GPO1
General purpose output. Can be used as a sensor gain control signal. When functioning
as a general purpose output, it is open drain and requires an external pullup. Leave
unconnected if not used.
E2
GPO2
General purpose output. Can be used as a sensor gain control signal. When functioning
as a general purpose output, it is open drain and requires an external pullup. Leave
unconnected if not used.
D5
ALS
Ambient Light Sensor input. Connect to ground if not used.
F3
GND
Regulator ground
A2
PGND
LED driver and charge pump ground
F2
LDO4
Programmable VOUT of 1.2-3.3 V. Max load = 150 mA.
F4
LDO3
Programmable VOUT of 1.2-3.3 V. Max load = 150 mA.
E1
LDO2
Programmable VOUT of 1.2-3.3 V. Max load = 150 mA.
F1
LDO1
Programmable VOUT of 1.2-3.3 V. Max load = 300 mA.
C3
D8
LED driver
C4
D7/INT
LED driver/ ALS interrupt (mode of operation is selected via register). In ALS interrupt
mode, a pullup resistor is required. A '0’ means a change has occurred, while a ‘1’ means
no ALS adjustment has been made.
D4
D6
LED driver
D3
D5
LED driver
D2
D4
LED driver
D1
D3
LED driver
C1
D2
LED driver
C2
D1
LED driver
B5
VOUT
Charge pump output
B4
C2-
Flying capacitor 2 negative terminal
A4
C2+
Flying capacitor 2 positive terminal
A3
C1-
Flying capacitor 1 negative terminal
A5
C1+
Flying capacitor 1 positive terminal
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com