Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments LM3537 Datasheet HTML 10Page - Texas Instruments LM3537 Datasheet HTML 11Page - Texas Instruments LM3537 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM3537
SNVS634B – JUNE 2011 – REVISED MAY 2013
www.ti.com
SENSOR INTERFACE ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN_A = 3.6V, CIN_A = 1 µF, CIN_B = 100 nF, CIN_C = 2.2 µF, CSEN= 1 µF, HWEN = high. Limits in
standard typeface are for TJ = 25°C, and limits in boldface type apply over the operating ambient temperature range (−30°C
to +85°C).
Symbol
Parameter
Condition
Min
Typ
Max
Units
SBIAS
IOUT_S
SBIAS Output Current
2.7V
≤ VIN_A ≤ 5.5V. VOUT_S < (VIN_A +0.3V)
20
mA
2.7V
≤ VIN_A ≤ 5.5V. IOUT_S = 1.0 mA. 2.4V
−5%
2.4
+5%
option selected via register.
VOUT_S
SBIAS Output Voltage
V
3.3V
≤ VIN_A ≤ 5.5V. IOUT_S = 1.0 mA. 3.0V
−5%
3.0
+5%
option selected via register.
Sensor Interface Quiescent Supply
IQIF
No Load
35
µA
Current(1)(2)
(1)
In addition to Quiescent Supply Current (IQ) drawn by the charge pump. (See Charge Pump and LED Drivers Electrical Characteristics.)
(2)
Specified by design.
Figure 2. Timing Parameters
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com