Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 1 Page - Texas Instruments

  LM3537 Datasheet HTML 1Page - Texas Instruments LM3537 Datasheet HTML 2Page - Texas Instruments LM3537 Datasheet HTML 3Page - Texas Instruments LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
LM3537
VIN = 2.7 to 5.5V
CIN_A
1 PF
C2
1 PF
C1
1 PF
C1+ C1- C2+ C2-
COUT
1 PF
VOUT
MCU
SCL
SDA
HWEN
PWM
1 PF
CLDO1
1 PF
CLDO2
1 PF
CLDO3
1 PF
CLDO4
ALS
D1
D2
D3
D4
D5
D6
D7/
INT
D8
CIN_C
2.2 PF
VIN_C
VIN_A
GNDs
LDO2
LDO1
LDO3
LDO4
CIN_B
100 nF
VIN_B
SBIAS
AMBIENT
LIGHT
SENSOR
CSEN
1 PF
GPO1
GPO2
+
-
LM3537
www.ti.com
SNVS634B – JUNE 2011 – REVISED MAY 2013
LM3537 8-Channel WLED Driver with Four Integrated LDOs
Check for Samples: LM3537
1
FEATURES
2
Lighting:
•
LDO Input Voltage = 1.8V to VIN_A
•
Overload Protection
•
8-channel Backlight Capability
Combined Common Features:
•
Internal ALS Engine; PWM Input to Support
CABC
•
Wide Input Voltage Range: 2.7V to 5.5V
•
Built-In Power Supply and Gain Control for
•
I2C-Compatible Serial Interface
Ambient Light Sensor
•
2 General-Purpose Outputs
•
Up to 90% Efficiency
APPLICATIONS
•
Adaptive Charge Pump with 1x and 1.5x
Ggains for Maximum Efficiency
•
Smartphone Lighting
•
128 Dimming Steps for Group A, Exponential
•
MP3 Players, Gaming Devices
or Linear Dimming Selectable by Register
•
Digital Cameras
Setup
•
8 Linear Dimming States for Group B
DESCRIPTION
LDOs:
The LM3537 is a highly integrated LED driver
capable of driving 8 LEDs in parallel for single display
•
4 Programmable LDOs (300 mA/150 mA Output
backlighting applications. Independent LED control
Currents)
allows for a subset of the main display LEDs to be
•
Default Startup Voltage States
selected for partial illumination applications.
•
Low Dropout Voltage: 100 mV typ. at 150 mA
Load Current
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM3537

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3537 TI1-LM3537 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3537TME TI1-LM3537TME Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3537TME/NOPB TI1-LM3537TME/NOPB Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3537TMX TI1-LM3537TMX Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
More results

Similar Description - LM3537

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2845 ANALOGICTECH-AAT2845 Datasheet
841Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847 Datasheet
382Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
AAT2845A ANALOGICTECH-AAT2845A Datasheet
461Kb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2845 ANALOGICTECH-AAT2845_08 Datasheet
1Mb / 19P
Four-Channel Backlight Driver with Dual LDOs
AAT2847 ANALOGICTECH-AAT2847_08 Datasheet
706Kb / 20P
Four-Channel Backlight Driver with Dual LDOs
logo
Texas Instruments
LM3537 TI1-LM3537 Datasheet
1,014Kb / 30P
LM3537 8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538 Datasheet
1,010Kb / 28P
LM3538 6-Channel WLED Driver with Four Integrated LDOs
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
8-Channel WLED Linear Driver
logo
Texas Instruments
LM3537 TI1-LM3537_13 Datasheet
1Mb / 33P
8-Channel WLED Driver with Four Integrated LDOs
LM3538 TI1-LM3538_13 Datasheet
1Mb / 31P
6-Channel WLED Driver with Four Integrated LDOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com