Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3537 Datasheet HTML 17Page - Texas Instruments LM3537 Datasheet HTML 18Page - Texas Instruments LM3537 Datasheet HTML 19Page - Texas Instruments LM3537 Datasheet HTML 20Page - Texas Instruments LM3537 Datasheet HTML 21Page - Texas Instruments LM3537 Datasheet HTML 22Page - Texas Instruments LM3537 Datasheet HTML 23Page - Texas Instruments LM3537 Datasheet HTML 24Page - Texas Instruments LM3537 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
LM3537
www.ti.com
SNVS634B – JUNE 2011 – REVISED MAY 2013
Internal Registers of LM3537
The LM3537 is controlled by a set of registers through the two-wire serial interface port. Table 5 below lists
device registers and their addresses together with a short description.
Table 5. Control Register Map
Hex
Read/W
Default Value
Register Name
Bit(s)
Bit Mnemonic and Description
Addr.
rite
After Reset
00
MASTER ENABLE
[2]
R/W
xxxxx0xx
group_A_en
Master enable for all the LEDs, which are assigned to group A. '1' =
LEDs ON '0' = LEDs OFF.
[1]
R/W
xxxxxx0x
group_B_en
Master enable for all the LEDs, which are assigned to group B. '1' =
LEDs ON '0' = LEDs OFF.
[0]
W
xxxxxxx0
softw_rst
Writing = '1' to this register bit resets all the registers to factory
defaults. After writing, this bit is forced back to '0' automatically.
10
DIODE ENABLE
[7]
R/W
0xxxxxxx
enD8
ON/OFF Control for D8 output
[6]
R/W
x0xxxxxx
enD7
ON/OFF Control for D7 output
[5]
R/W
xx0xxxxx
enD6
ON/OFF Control for D6 output
[4]
R/W
xxx0xxxx
enD5
ON/OFF Control for D5 output
[3]
R/W
xxxx0xxx
enD4
ON/OFF Control for D4 output
[2]
R/W
xxxxx0xx
enD3
ON/OFF Control for D3 output
[1]
R/W
xxxxxx0x
enD2
ON/OFF Control for D2 output
[0]
R/W
xxxxxxx0
enD1
ON/OFF Control for D1 output
20
CONFIGURATION
[7]
R/W
0xxxxxxx
D7_int
Enables the Interrupt Pin. 1 = interrupt output enabled. 0 = interrupt
output disabled, LED driver operation. Reading the 0x40 register
clears the interrupt.
[6]
R/W
x0xxxxxx
lin
Selects between linear and exponential dimming curve. Effective for
Group A only. 1 = linear dimming curve. 0 = exponential dimming
curve.
[5]
R/W
xx1xxxxx
D8_A
Assign D8 diode to Group A Writing a '1' assigns D8 to BankA
(default) and a '0' assigns D8 to Group B.
[4]
R/W
xxx1xxxx
D7_A
Assign D7 diode to Group A Writing a '1' assigns D7 to BankA
(default) and a '0' assigns D7 to Group B.
[3]
R/W
xxxx1xxx
D6_A
Assign D6 diode to Group A Writing a '1' assigns D6 to BankA
(default) and a '0' assigns D6 to Group B.
[2]
R/W
xxxxx1xx
D5_A
Assign D5 diode toGroup A . Writing a '1' assigns D5 to BankA
(default) and a '0' assigns D5 to Group B.
[1]
R/W
xxxxxx0x
pwm_p
PWM input polarity. Writing a '0' = active high (default) and a '1' =
active low.
[0]
R/W
xxxxxxx0
pwm_en
PWM input enable. Writing a '1' = Enable, and a '0' = Ignore
(default).
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com