Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3537 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3537
Description  LM3537 8-Channel WLED Driver with Four Integrated LDOs
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3537 Datasheet(HTML) 4 Page - Texas Instruments

  LM3537 Datasheet HTML 1Page - Texas Instruments LM3537 Datasheet HTML 2Page - Texas Instruments LM3537 Datasheet HTML 3Page - Texas Instruments LM3537 Datasheet HTML 4Page - Texas Instruments LM3537 Datasheet HTML 5Page - Texas Instruments LM3537 Datasheet HTML 6Page - Texas Instruments LM3537 Datasheet HTML 7Page - Texas Instruments LM3537 Datasheet HTML 8Page - Texas Instruments LM3537 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
LM3537
SNVS634B – JUNE 2011 – REVISED MAY 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
VIN_A, VIN_B , VIN_C pin voltage
-0.3V to 6.0V
Voltage on Logic Pins (SCL, SDA, GPO1, GPO2, HWEN, PWM)
-0.3V to (VIN_A+0.3V) with 6.0V max
LED driver (D1 to D8) Pin Voltages
-0.3V to (VOUT+0.3V) with 6.0V max
Voltage on All Other Pins
-0.3V to (VIN_A +0.3V) with 6.0V max
Continuous Power Dissipation(4)
Internally Limited
Junction Temperature (TJ-MAX)
150°C
Storage Temperature Range
-40°C to +150°C
ESD Rating(5) Human Body Model
2 kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ = 160°C (typ.) and
disengages at TJ = 155°C (typ.).
(5)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7)
OPERATING RATINGS
(1) (2)
VIN_A, VIN_B Input Voltage Range
2.7V to 5.5V
LED Voltage Range
2.0V to 4.0V
VIN_C Input Voltage Range (Note: must stay > VOUTLDO + 0.3V)
1.8V to VIN_B
Junction Temperature (TJ) Range
−30°C to +110°C
Ambient Temperature (TA) Range
(3)
−30°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pins.
(3)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP =
110°C), the maximum power dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the
part/package in the application (
θJA), as given by the following equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX).
THERMAL PROPERTIES
(1)
Junction-to-Ambient Thermal Resistance (
θJA), YFQ Package
(2)
45°C/W
(1)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(2)
Junction-to-ambient thermal resistance is highly dependent on application and board layout. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. For more information, please refer to Texas
Instruments' Application Note AN-1112: DSBGA Wafer Level Chip Scale Package (Literature Number SNVA009).
4
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM3537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com