Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553 Datasheet (PDF) - Texas Instruments

LM3553 Datasheet PDF - Texas Instruments
Part # LM3553
Download  LM3553 Download
File Size   568.57 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface

LM3553 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3553 Datasheet PDF - Texas Instruments

Part # LM3553
Download  LM3553 Click to download

File Size   568.57 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface

LM3553 Datasheet (HTML) - Texas Instruments


LM3553 Product details

FEATURES
2• Accurate and Programmable LED Current up
to 1.2A in 128 Steps
• Total Solution Size < 30mm2
• 90% Peak Efficiency
• Drives 2 LEDs in Series with 1.2A from 5V
Input
• Drives 2 LEDs in Series with 600mA from 3.0V
Input
• Drives 1 LED with 1.2A from 3.0V Input
• Adjustable Over-Voltage Protection Allows for
Single or Series LED Operation
• Four Operating Modes: Torch, Flash, Indicator,
and Voltage Mode (4.98V)
• Programmable Flash Pulse Safety Timer in 16
Steps
• TX Input Ensures Synchronization with RF
Power Amplifier Pulse or Prevents LED from
Overheating
• LED Disconnect During Shutdown
• Flash/Imager Synchronization via F EN Pin
• Active Low Hardware Reset
• Multi-Function Pin (RESET and GPIO)
• Low Profile 12-pin WSON Package
(DQB0012A: 3mm x 3mm x 0.8mm, 0.4mm
pitch)

APPLICATIONS
• Camera Phone LED Flash
• Smartphone and PDA Flash
• LED Backlight

DESCRIPTION
The LM3553 is a fixed frequency, current mode step- up DC/DC converter with two regulated current sinks.
The device is capable of driving loads up to 1.2A
from a single-cell Li-Ion battery.
The LM3553 includes a TX pin that forces Torch
mode during a flash event allowing for
synchronization between the RF power amplifier and
Flash/Torch modes. It also includes a multi-function
pin (M/F) that can serve as a GPIO and a hardware
RESET pin.
The LM3553 is available in a 3mm by 3mm package.




Similar Part No. - LM3553

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
logo
National Semiconductor ...
LM3553SD-HALF NSC-LM3553SD-HALF Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
LM3553SD-NOPB NSC-LM3553SD-NOPB Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Texas Instruments
LM3553SD/NOPB TI1-LM3553SD/NOPB Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
More results


Similar Description - LM3553

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
1.2A Dual Flash LED Driver System with I2C Compatible
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650ACPZ-R7 AD-ADP1650ACPZ-R7 Datasheet
1Mb / 32P
1.5 A LED Flash Driver with I2C-Compatible Interface
REV. C
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM3553 TI1-LM3553 Datasheet
1Mb / 26P
1.2A Dual Flash LED Driver System
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
1.0 A LED Flash Driver with I2C-Compatible Interface
7/12-Revision 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com