Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 2 Page - Texas Instruments

  LM3553 Datasheet HTML 1Page - Texas Instruments LM3553 Datasheet HTML 2Page - Texas Instruments LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Bottom View
12 Pin 3mm x 3mm WSON Package
DQB0012A
Die-Attach
Pad (DAP)
GND
2
3
4
5
1
6
11
10
9
8
12
7
Die-Attach
Pad (DAP)
GND
2
3
4
5
1
6
11
10
9
8
12
7
Top View
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
Connection Diagram
PIN DESCRIPTIONS
Pin
Name
Function
4
VIN
Input Voltage. Input range: 2.7V to 5.5V.
5
SW
Switch Pin
6
OVP
Over Voltage Protection Pin
2, 11
D1, D2
Regulated current sink inputs
DAP
GND
Ground
1
ISET
Current sense input. Connect a 1% 16.5k
Ω resistor to ground to set the full scale LED current.
3
FEN
Flash enable pin.
8
SCL
Serial clock pin.
10
SDA
Serial data I/O pin.
9
VIO
Digital Reference Voltage level input pin.
7
TX
RF PA synchronization control pin. High = Forced Torch mode.
12
M/F
Hardware RESET or General purpose I/O. Function set through Multi-Function Control Register
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2) (3)
VIN pin: Voltage to GND
-0.3V to 6V
SW, OVP pin: Voltage to GND
-0.3V to 25V
D1, D2 pins: Voltage to GND
-0.3V to 25V
VIO, SCL, SDA
-0.3V to 6V
TX, FEN, M/F
-0.3V to 6V
Continuous Power Dissipation (4)
Internally Limited
Junction Temperature (TJ-MAX )
150°C
Storage Temperature Range
-65°C to +150
Maximum Lead Temperature (Soldering)
(5)
ESD Rating(6)
Human Body Model
2.5kV
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply performance limits. For performance limits and associated test
conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=140ºC (typ.) and
disengages at TJ=120ºC (typ.).
(5)
For detailed soldering specifications and information, please refer to Texas Instruments Application Note: AN-1187 SNOA401 for
Recommended Soldering Profiles.
(6)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. (MIL-STD-883 3015.7)
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com