Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 4 Page - Texas Instruments

  LM3553 Datasheet HTML 1Page - Texas Instruments LM3553 Datasheet HTML 2Page - Texas Instruments LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating junction temperature range
(-30°C
≤ TJ ≤ +125°C). Unless otherwise noted: VIN = 3.6V, RSET = 16.5kΩ, VD1 = VD2 = 500mV, VFB bit = '0', FEN = '0', TX =
'0', Flash Current Level = Full-Scale.
(1) (2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Flash Mode
930
1020
1110
VDX = Regulation Voltage
Flash LED Current:
ILED-SUM
mA
Flash Mode
ID1+ ID2
VDX = Regulation Voltage
1200
RSET = 13.7k
Ω
ILED-IND
Indicator Current Level
Indicator Mode
20
mA
Output Voltage Regulation in
VM = '1', EN1 = EN0 = '0'
VMREG
4.65
4.98
5.30
V
Voltage Mode
No Load
VD1,D2 = 0V
IQ
Quiescent Supply Current
1.0
1.2
mA
(Switching)
ISD
Shutdown Supply Current
Device Disabled
3.8
6.0
µA
LED Current to Set Current
IDx / ISET
IDx= 500mA
6770
A / A
Ratio
VSET
ISET Pin Voltage
1.24
V
VFB Bit = '0'
450
Current Sink Regulation
VD1,D2
mV
Voltage
VFB Bit = '1'
350
IDx-MATCH
Current Sink Matching
VDX = Regulation Voltage
2
%
RDSON
NMOS Switch Resistance
0.25
Ω
OCL Bit = '0'
2.2
2.5
2.8
ICL
NMOS Switch Current Limit
A
OCL Bit = '1'
1.53
1.70
1.87
Switch Off, VSW=3.6V, OVP
IL-SW
SW Pin Leakage Current
10
nA
Mode = '0'
IL-Dx
D1, D2 Pin Leakage
VDx = 3.5V
10
nA
OVP Mode = '1'
18.00
18.90
19.65
Output Over-Voltage
VOVP
V
Protection Trip Point
OVP Mode = '0'
5.4
5.6
5.85
Over-Voltage Protection
OVP Mode = '1'
1.6
OVPHyst
Hysteresis
V
OVP Mode = '0'
0.6
OVP to Normal Operation
IL-OVP
OVP Pin Leakage Current
VOVP=3.6V
10
nA
fSW
Switching Frequency
1.0
1.2
1.35
MHz
tFD-MIN
Minimum Flash Duration Step
tFD-MIN = 16 ÷ fSW
12.8
µsec.
DMAX
Maximum Duty Cycle
92
%
DMIN
Minimum Duty Cycle
6
%
On
1.0
VIN
ThTX,F-EN
TX, FEN Pin Threshold
V
Off
0
0.6
Multi-Function Pin (M/F) Voltage Specifications
Input Logic High "1"
0.94
VIN
Multi-Function Pin Threshold
VM/F
V
Voltages
Input Logic Low "0"
0
0.64
ILOAD = 4.2mA,
VOL
Output Logic Low "0"
400
mV
GPIO Mode
I2C Compatible Voltage Specifications (SCL, SDIO, VIO)
VIO
Serial Bus Voltage Level
1.45
VIN
V
VIL
Input Logic Low "0"
VIO = 3.0V
0
0.38 ×VIO
V
VIH
Input Logic High "1"
VIO = 3.0V
0.55 × VIO
VIO
V
VOL
Output Logic Low "0"
ILOAD = 3.7mA
400
mV
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (Typ) numbers represent the most likely norm. Unless
otherwise specified, conditions for Typ specifications are: VIN = 3.6V and TA = 25ºC.
(3)
All testing for the LM3553 is done open-loop.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com