Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments LM3553 Datasheet HTML 11Page - Texas Instruments LM3553 Datasheet HTML 12Page - Texas Instruments LM3553 Datasheet HTML 13Page - Texas Instruments LM3553 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
start
Id = 53h
w
ack
addr = 10h
ack
ack
data = 08h
stop
SDA
SCL
S
P
P
STO
condition
START condition
SDA
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
START AND STOP CONDITIONS
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined as
the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise. The data on SDA line must be stable during the HIGH period of
the clock signal (SCL). In other words, the state of the data line can only be changed when CLK is LOW.
Figure 17. Start and Stop Conditions
TRANSFERRING DATA
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3553 pulls
down the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3553 generates an
acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3553 address is 53h. For the eighth bit, a “0” indicates a
WRITE and a “1” indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
w = write (SDA = "0")
ack = acknowledge (SDA pulled down by the slave)
id = chip address, 53h for LM3553
Figure 18. Write Cycle
I
2C COMPATIBLE CHIP ADDRESS
The chip address for LM3553 is 1010011, or 53hex.
10
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com