Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3553 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3553
Description  LM3553 1.2A Dual Flash LED Driver System with I2C Compatible Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3553 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3553 Datasheet HTML 2Page - Texas Instruments LM3553 Datasheet HTML 3Page - Texas Instruments LM3553 Datasheet HTML 4Page - Texas Instruments LM3553 Datasheet HTML 5Page - Texas Instruments LM3553 Datasheet HTML 6Page - Texas Instruments LM3553 Datasheet HTML 7Page - Texas Instruments LM3553 Datasheet HTML 8Page - Texas Instruments LM3553 Datasheet HTML 9Page - Texas Instruments LM3553 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
VIN (V)
5.50
5.25
5.00
4.75
4.50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
IOUT = 100 mA
I OUT = 300 mA
IOUT = 700 mA
IOUT = 500 mA
TA = +25°
VIN (V)
2.40
2.00
1.60
1.20
0.80
90
80
70
60
50
2.9
3.4
3.9
4.5
5.0
5.5
IIN
äLED
VLED = 3.7V and ILED = 1A
VIN (V)
1.1
1.1
1.0
1.0
0.9
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
TA = +25°C
TA = -30°C
VLED = 3.7V @ +25°C
VIN (V)
5.250
5.125
5.000
4.875
4.750
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
TA = +25°C
TA = -30°C
TA = +85°C
IOUT = 500 mA
BRIGHTNESS CODE (#)
1.6
1.2
0.8
0.4
0.0
0
32
64
96
128
TA = -30°C and +25°C
TA = +85°C
VLED = 3.5V @1.2A
VIN (V)
1.4
1.3
1.2
1.1
1.0
3.0
3.5
4.0
4.5
5.0
5.5
TA = +85°C
TA = +25°C
TA = -30°C
VLED = 3.65V @ +25°C
LM3553
SNVS414B – FEBRUARY 2008 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: TA = 25°C; VIN = 3.6V; VM/F = VIN; RSET = 16.5kΩ; CIN= 10µF, COUT = 10µF;L = 2.2µH; VFB bit =
CL bit = '0'; OVP bit = '0' for 1 LED and VFB = '1' for two series LEDs;.
Maximum LED Drive Current @ VIN = 3.6V
1.2A Flash Line Regulation
Figure 3.
Figure 4.
1.0A Flash Line Regulation
Voltage Mode Line Regulation
Figure 5.
Figure 6.
Input Current and LED Efficiency
Voltage Mode Load Regulation
with 1A Flash Current
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com