Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet (PDF) - Microchip Technology

PL133-21 Datasheet PDF - Microchip Technology
Part # PL133-21
Download  PL133-21 Download
File Size   1417.58 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1:2 Inverting Fanout Buffer IC

PL133-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
PL133-21 Datasheet PDF - Microchip Technology

Part # PL133-21
Download  PL133-21 Click to download

File Size   1417.58 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1:2 Inverting Fanout Buffer IC

PL133-21 Datasheet (HTML) - Microchip Technology


PL133-21 Product details

Features
• Two LVCMOS Outputs
• Input/Output Frequency: 1 MHz to 150 MHz
• Supports LVCMOS or Sine-Wave Input Clock
• Output Enable (OE) only Controls CLK0. CLK1 is
Always On.
• Extremely Low Additive Jitter
• 8 mA Output Drive Strength
• Low Current Consumption
• Single 1.8V, 2.5V, or 3.3V ±10% Power Supply
• Operating Temperature Range:
- 0° to +70°C (Commercial)
- –40° to +85°C (Industrial)
• Available in TDFN-6L Green/RoHS-Compliant
Package
General Description
The PL133-21 is an advanced inverting fanout buffer
design for high performance, low-power, small
form-factor applications. The PL133-21 accepts a
reference clock input of 1 MHz to 150 MHz and
produces two outputs of the same frequency.
Reference clock inputs may be LVCMOS or sine-wave
signals (the inputs are internally AC-coupled).
PL133-21 is designed to fit in a small 2 mm x 1.3 mm x
0.6 mm TDFN package and offers the best phase
noise, jitter performance, and lowest power
consumption of any comparable IC.




Similar Part No. - PL133-21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-27 MICROCHIP-PL133-27 Datasheet
1Mb / 14P
Low-Power, 1.62V to 3.63V, 1:2 Inverting Fanout Buffer IC
More results


Similar Description - PL133-21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
Hittite Microwave Corpo...
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com