Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet(PDF) 4 Page - Microchip Technology

Part # PL133-21
Description  1:2 Inverting Fanout Buffer IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-21 Datasheet(HTML) 4 Page - Microchip Technology

  PL133-21 Datasheet HTML 1Page - Microchip Technology PL133-21 Datasheet HTML 2Page - Microchip Technology PL133-21 Datasheet HTML 3Page - Microchip Technology PL133-21 Datasheet HTML 4Page - Microchip Technology PL133-21 Datasheet HTML 5Page - Microchip Technology PL133-21 Datasheet HTML 6Page - Microchip Technology PL133-21 Datasheet HTML 7Page - Microchip Technology PL133-21 Datasheet HTML 8Page - Microchip Technology PL133-21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PL133-21
DS20006309B-page 4
2020 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Layout Recommendations
The following guidelines are to assist you with a
performance-optimized PCB design.
3.1.1
SIGNAL INTEGRITY AND
TERMINATION CONSIDERATIONS
• Keep traces short.
• Trace = Inductor. With a capacitive load this
equals ringing.
• Long trace = Transmission Line. Without proper
termination this will cause reflections (looks like
ringing).
• Design long traces as “striplines” or “microstrips”
with defined impedance.
• Match trace at one side to avoid reflections
bouncing back and forth.
3.1.2
DECOUPLING AND POWER
SUPPLY CONSIDERATIONS
• Place decoupling capacitors as close as possible
to the VDD pin to limit noise from the power
supply.
• Multiple VDD pins should be decoupled
separately for best performance.
• The addition of a ferrite bead in series with VDD
can help prevent noise from other board sources.
• The value of decoupling capacitor is frequency
dependent. Typical values to use are 0.1 µF for
designs using crystals <50 MHz and 0.01 µF for
designs using crystals >50 MHz.
FIGURE 3-1:
Typical CMOS Termination.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Pin Type
Description
1
FIN
I
Reference clock input.
2
CLK1
O
Clock output (inverted).
3
GND
P
Ground connection.
4
CLK0
O
Clock output (inverted).
5
VDD
P
VDD connection.
6
OE
I
Output enable input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com