Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet(PDF) 3 Page - Microchip Technology

Part # PL133-21
Description  1:2 Inverting Fanout Buffer IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-21 Datasheet(HTML) 3 Page - Microchip Technology

  PL133-21 Datasheet HTML 1Page - Microchip Technology PL133-21 Datasheet HTML 2Page - Microchip Technology PL133-21 Datasheet HTML 3Page - Microchip Technology PL133-21 Datasheet HTML 4Page - Microchip Technology PL133-21 Datasheet HTML 5Page - Microchip Technology PL133-21 Datasheet HTML 6Page - Microchip Technology PL133-21 Datasheet HTML 7Page - Microchip Technology PL133-21 Datasheet HTML 8Page - Microchip Technology PL133-21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2020 Microchip Technology Inc.
DS20006309B-page 3
PL133-21
2.0
NOISE CHARACTERISTICS
FIGURE 2-1:
PL133-21 Additive Phase Jitter. VDD = 3.3V, CLK = 26 MHz, Integration Range:
12 kHz to 5 MHz, 0.127 ps Typical.
When a buffer is used to pass a signal then the buffer will add a little bit of its own noise. The phase noise on the output
of the buffer will be a little bit more than the phase noise in the input signal. To quantify the noise addition in the buffer
we compare the Phase Jitter numbers from the input and the output. The difference is called Additive Phase Jitter. The
formula for the Additive Phase Jitter is as follows:
EQUATION 2-1:
TABLE 2-1:
NOISE CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Additive Phase Jitter
—
130
—
fs
VDD = 3.3V, Frequency = 26 MHz
Offset = 12 kHz ~ 5 MHz
—
150
—
VDD = 3.3V, Frequency = 100 MHz
Offset = 12 kHz ~ 20 MHz
-170
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
100
1000
10000
100000
1000000
10000000
Offset Frequency (Hz)
REF Input
PL133-21 Output
Additive Phase Jitter
Output Phase Jitter2 Input Phase Jitter2
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com