Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet(PDF) 11 Page - Microchip Technology

Part # PL133-21
Description  1:2 Inverting Fanout Buffer IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-21 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PL133-21 Datasheet HTML 6Page - Microchip Technology PL133-21 Datasheet HTML 7Page - Microchip Technology PL133-21 Datasheet HTML 8Page - Microchip Technology PL133-21 Datasheet HTML 9Page - Microchip Technology PL133-21 Datasheet HTML 10Page - Microchip Technology PL133-21 Datasheet HTML 11Page - Microchip Technology PL133-21 Datasheet HTML 12Page - Microchip Technology PL133-21 Datasheet HTML 13Page - Microchip Technology PL133-21 Datasheet HTML 14Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
2020 Microchip Technology Inc.
DS20006309B-page 11
PL133-21
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Device:
PL133-21:
Low-Power, 1.62V to 3.63V, 1:2 Fanout Buffer
IC
Package:
G
= 6-Lead 2 mm x 1.3 mm TDFN
Temperature
Range:
C
= 0°C to +70°C (NiPdAu Lead-Free)
Tape and Reel:
<blank>= 20/Bag
R
= 3,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a) PL133-21GC:
PL133-21,
6-Lead TDFN, 0°C to +70°C Temperature Range,
20/Bag
b) PL133-21GC-R:
PL133-21,
6-Lead TDFN, 0°C to +70°C Temperature Range,
3,000/Reel
Part No.
X
X
-X
Device
Package
Temp.
Range
Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com