Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet(PDF) 2 Page - Microchip Technology

Part # PL133-21
Description  1:2 Inverting Fanout Buffer IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-21 Datasheet(HTML) 2 Page - Microchip Technology

  PL133-21 Datasheet HTML 1Page - Microchip Technology PL133-21 Datasheet HTML 2Page - Microchip Technology PL133-21 Datasheet HTML 3Page - Microchip Technology PL133-21 Datasheet HTML 4Page - Microchip Technology PL133-21 Datasheet HTML 5Page - Microchip Technology PL133-21 Datasheet HTML 6Page - Microchip Technology PL133-21 Datasheet HTML 7Page - Microchip Technology PL133-21 Datasheet HTML 8Page - Microchip Technology PL133-21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PL133-21
DS20006309B-page 2
2020 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings †
Supply Voltage Range (VDD)..................................................................................................................... –0.5V to +4.6V
Input Voltage Range (VIN)...................................................................................................................–0.5V to VDD+0.5V
Output Voltage Range (VOUT).............................................................................................................–0.5V to VDD+0.5V
† Notice: Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended
periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress
rating only, and functional operations of the device at these or any other conditions above the operational limits noted
in this specification is not implied. Parts are tested to commercial grade only.
AC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Frequency
fIN
1
—
150
MHz
@ VDD = 2.5V and 3.3V
1
—
65
@ VDD = 1.8V
Input Signal Amplitude
0.8
—
VDD
VPP Internally AC-coupled
Output Rise Time
tr
—
2
3
ns
15 pF Load, 10/90%VDD, 3.3V
Output Fall Time
tf
—
2
3
ns
15 pF Load, 90/10%VDD, 3.3V
Output-to-Output Skew
—
—
500
ps
—
Duty Cycle
45
50
55
%
Input duty cycle is 50%
DC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Supply Current, Dynamic
IDD
—
1.8
—
mA
VDD = 3.3V, 25 MHz, No Load
—
1.3
—
VDD = 2.5V, 25 MHz, No Load
—
0.8
—
VDD = 1.8V, 25 MHz, No Load
Operating Voltage
VDD
1.62
—
3.63
V
—
Output Low Voltage
VOL
—
—
0.4
V
IOL = +4 mA, VDD = 3.3V
Output High Voltage
VOH
2.4
—
—
V
IOL = –4 mA, VDD = 3.3V
Output Current
IOSD
8
—
—
mA
VOL = 0.4V, VOH = 2.4V, VDD = 3.3V
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Ambient Operating Temperature
TA
–40
—
+85
°C
—
Storage Temperature
TS
–65
—
+150
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com