Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-21 Datasheet(PDF) 1 Page - Microchip Technology

Part # PL133-21
Description  1:2 Inverting Fanout Buffer IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-21 Datasheet(HTML) 1 Page - Microchip Technology

  PL133-21 Datasheet HTML 1Page - Microchip Technology PL133-21 Datasheet HTML 2Page - Microchip Technology PL133-21 Datasheet HTML 3Page - Microchip Technology PL133-21 Datasheet HTML 4Page - Microchip Technology PL133-21 Datasheet HTML 5Page - Microchip Technology PL133-21 Datasheet HTML 6Page - Microchip Technology PL133-21 Datasheet HTML 7Page - Microchip Technology PL133-21 Datasheet HTML 8Page - Microchip Technology PL133-21 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2020 Microchip Technology Inc.
DS20006309B-page 1
PL133-21
Features
• Two LVCMOS Outputs
• Input/Output Frequency: 1 MHz to 150 MHz
• Supports LVCMOS or Sine-Wave Input Clock
• Output Enable (OE) only Controls CLK0. CLK1 is
Always On.
• Extremely Low Additive Jitter
• 8 mA Output Drive Strength
• Low Current Consumption
• Single 1.8V, 2.5V, or 3.3V ±10% Power Supply
• Operating Temperature Range:
- 0° to +70°C (Commercial)
- –40° to +85°C (Industrial)
• Available in TDFN-6L Green/RoHS-Compliant
Package
Package Type
General Description
The PL133-21 is an advanced inverting fanout buffer
design for high performance, low-power, small
form-factor applications. The PL133-21 accepts a
reference clock input of 1 MHz to 150 MHz and
produces two outputs of the same frequency.
Reference clock inputs may be LVCMOS or sine-wave
signals (the inputs are internally AC-coupled).
PL133-21 is designed to fit in a small 2 mm x 1.3 mm x
0.6 mm TDFN package and offers the best phase
noise, jitter performance, and lowest power
consumption of any comparable IC.
Functional Block Diagram
PL133-21
2 mm x 1.3 mm TDFN
(Top View)
FIN
GND
OE
VDD
CLK0
CLK1
1
4
5
6
3
2
FIN
CLK1
CLK0
OE
Low-Power, 1.62V to 3.63V, 1:2 Inverting Fanout Buffer IC


Similar Part No. - PL133-21

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-27 MICROCHIP-PL133-27 Datasheet
1Mb / 14P
Low-Power, 1.62V to 3.63V, 1:2 Inverting Fanout Buffer IC
More results

Similar Description - PL133-21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
Hittite Microwave Corpo...
HMC670LC3C HITTITE-HMC670LC3C Datasheet
278Kb / 8P
13 Gbps, 1:2 Fanout Buffer
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
28 Gbps, 1:2 FANOUT BUFFER
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
MC100LVEL11 ONSEMI-MC100LVEL11_15 Datasheet
99Kb / 8P
ECL 1:2 Differential Fanout Buffer
January, 2015 ??Rev. 13
logo
Semtech Corporation
SK10EL11WD SEMTECH-SK10EL11WD Datasheet
131Kb / 6P
1:2 Differential Fanout Buffer
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
1:2 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
NB3L202K ONSEMI-NB3L202K_18 Datasheet
143Kb / 14P
Differential 1:2 HCSL Fanout Buffer
January, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com