Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet (PDF) - Texas Instruments

TMP106 Datasheet PDF - Texas Instruments
Part # TMP106
Download  TMP106 Download
File Size   429.55 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Temperature Sensor with Two-Wire Interface

TMP106 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP106 Datasheet PDF - Texas Instruments

Part # TMP106
Download  TMP106 Click to download

File Size   429.55 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Temperature Sensor with Two-Wire Interface

TMP106 Datasheet (HTML) - Texas Instruments


TMP106 Product details

FEATURES
TWO ADDRESSES
DIGITAL OUTPUT: Two-Wire Serial Interface
RESOLUTION: 9- to 12-Bits, User-Selectable
ACCURACY:
±2.0°C (max) from −25°C to +85°C
±3.0°C (max) from −40°C to +125°C
LOW QUIESCENT CURRENT:
50μA, 0.1μA Standby
NO POWER-UP SEQUENCE REQUIRED, I2C
PULLUPS CAN BE ENABLED PRIOR TO V+

APPLICATIONS
NOTEBOOK COMPUTERS
COMPUTER PERIPHERAL THERMAL
PROTECTION
CELL PHONES
BATTERY MANAGEMENT
THERMOSTAT CONTROLS
ENVIRONMENTAL MONITORING AND HVAC

DESCRIPTION
The TMP106 is a two-wire, serial output temperature
sensor available in a WCSP package. Requiring no
external components, the TMP106 is capable of reading
temperatures with a resolution of 0.0625°C.
The TMP106 features a Two-Wire interface that is
SMBus-compatible, with the TMP106 allowing up to two
devices on one bus. The TMP106 also features an SMBus
Alert function.
The TMP106 is ideal for extended temperature
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
The TMP106 is specified for operation over a temperature
range of −40°C to +125°C.




Similar Part No. - TMP106

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZC BURR-BROWN-TMP106YZC Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCR BURR-BROWN-TMP106YZCR Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCRG4 BURR-BROWN-TMP106YZCRG4 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCT BURR-BROWN-TMP106YZCT Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
More results


Similar Description - TMP106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com