Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMP106
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP106 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMP106 Datasheet HTML 2Page - Texas Instruments TMP106 Datasheet HTML 3Page - Texas Instruments TMP106 Datasheet HTML 4Page - Texas Instruments TMP106 Datasheet HTML 5Page - Texas Instruments TMP106 Datasheet HTML 6Page - Texas Instruments TMP106 Datasheet HTML 7Page - Texas Instruments TMP106 Datasheet HTML 8Page - Texas Instruments TMP106 Datasheet HTML 9Page - Texas Instruments TMP106 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
www.ti.com
6
TEMPERATURE
(
°C)
DIGITAL OUTPUT
(BINARY)
HEX
128
0111 1111 1111
7FF
127.9375
0111 1111 1111
7FF
100
0110 0100 0000
640
80
0101 0000 0000
500
75
0100 1011 0000
4B0
50
0011 0010 0000
320
25
0001 1001 0000
190
0.25
0000 0000 0100
004
0
0000 0000 0000
000
−0.25
1111 1111 1100
FFC
−25
1110 0111 0000
E70
−55
1100 1001 0000
C90
Table 5. Temperature Data Format
The user can obtain 9, 10, 11, or 12 bits of resolution by
addressing the Configuration Register and setting the
resolution bits accordingly. For 9-, 10-, or 11-bit resolution,
the most significant bits in the Temperature Register are
used with the unused LSBs set to zero.
CONFIGURATION REGISTER
The Configuration Register is an 8-bit read/write register
used to store bits that control the operational modes of the
temperature sensor. Read/write operations are performed
MSB first. The format of the Configuration Register for the
TMP106 is shown in Table 6, followed by a breakdown of
the register bits. The power-up/reset value of the
Configuration Register is all bits equal to 0.
BYTE
D7
D6
D5
D4
D3
D2
D1
D0
1
OS
R1
R0
F1
F0
POL
TM
SD
Table 6. Configuration Register Format
SHUTDOWN MODE (SD)
The Shutdown Mode of the TMP106 allows the user to
save maximum power by shutting down all device circuitry
other than the serial interface, which reduces current
consumption to typically less than 0.1
µA. Shutdown Mode
is enabled when the SD bit is 1; the device will shut down
once the current conversion is completed. When SD is
equal to 0, the device will maintain a continuous
conversion state.
THERMOSTAT MODE (TM)
The Thermostat Mode bit of the TMP106 indicates to the
device whether to operate in Comparator Mode (TM = 0)
or Interrupt Mode (TM = 1). For more information on
comparator and interrupt modes, see the High and Low
Limit Registers section.
POLARITY (POL)
The Polarity Bit of the TMP106 allows the user to adjust the
polarity of the ALERT pin output. If POL = 0, the ALERT pin
will be active LOW, as shown in Figure 3. For POL = 1, the
ALERT pin will be active HIGH, and the state of the ALERT
pin is inverted.
Measured
Temperature
T
HIGH
T
LOW
TMP106 ALERT PIN
(Comparator Mode)
POL = 0
TMP106 ALERT PIN
(Interrupt Mode)
POL = 0
TMP106 ALERT PIN
(Comparator Mode)
POL = 1
TMP106 ALERT PIN
(Interrupt Mode)
POL = 1
Read
Read
Time
Read
Figure 3. Output Transfer Function Diagrams
FAULT QUEUE (F1/F0)
A fault condition is defined as when the measured
temperature exceeds the user-defined limits set in the
THIGH and TLOW Registers. Additionally, the number of
fault conditions required to generate an alert may be
programmed using the fault queue. The fault queue is
provided to prevent a false alert as a result of
environmental
noise.
The
fault
queue
requires
consecutive fault measurements in order to trigger the
alert function. Table 7 defines the number of measured
faults that may be programmed to trigger an alert condition
in the device. For THIGH and TLOW register format and byte
order, see the High and Low Limit Registers section.
F1
F0
CONSECUTIVE FAULTS
0
0
1
0
1
2
1
0
4
1
1
6
Table 7. Fault Settings of the TMP106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com