Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMP106
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP106 Datasheet(HTML) 1 Page - Texas Instruments

  TMP106 Datasheet HTML 1Page - Texas Instruments TMP106 Datasheet HTML 2Page - Texas Instruments TMP106 Datasheet HTML 3Page - Texas Instruments TMP106 Datasheet HTML 4Page - Texas Instruments TMP106 Datasheet HTML 5Page - Texas Instruments TMP106 Datasheet HTML 6Page - Texas Instruments TMP106 Datasheet HTML 7Page - Texas Instruments TMP106 Datasheet HTML 8Page - Texas Instruments TMP106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FEATURES
D TWO ADDRESSES
D DIGITAL OUTPUT: Two-Wire Serial Interface
D RESOLUTION: 9- to 12-Bits, User-Selectable
D ACCURACY:
±2.0°C (max) from −25°C to +85°C
±3.0°C (max) from −40°C to +125°C
D LOW QUIESCENT CURRENT:
50
µA, 0.1µA Standby
D NO POWER-UP SEQUENCE REQUIRED, I2C
PULLUPS CAN BE ENABLED PRIOR TO V+
APPLICATIONS
D NOTEBOOK COMPUTERS
D COMPUTER PERIPHERAL THERMAL
PROTECTION
D CELL PHONES
D BATTERY MANAGEMENT
D THERMOSTAT CONTROLS
D ENVIRONMENTAL MONITORING AND HVAC
0
A1
B1
C1
A2
B2
C2
SDA
SCL
V+
GND
ALERT
A0
YZC LEAD−FREE
2 X 3 ARRAY
(TOP VIEW)
Note: Pin A1 is marked with a
for Pb−free (YZC)
1,65 mm
1,50 mm
1,15 mm
1,00 mm
(Bump Side Down)
‘’
DESCRIPTION
The TMP106 is a two-wire, serial output temperature
sensor available in a WCSP package. Requiring no
external components, the TMP106 is capable of reading
temperatures with a resolution of 0.0625
°C.
The TMP106 features a Two-Wire interface that is
SMBus-compatible, with the TMP106 allowing up to two
devices on one bus. The TMP106 also features an SMBus
Alert function.
The
TMP106
is
ideal
for
extended
temperature
measurement in a variety of communication, computer,
consumer, environmental, industrial, and instrumentation
applications.
The TMP106 is specified for operation over a temperature
range of −40
°C to +125°C.
Diode
Temp.
Sensor
∆Σ
A/D
Converter
OSC
Control
Logic
Serial
Interface
Config.
and Temp.
Register
TMP106
Temperature
V+
SDA
A1
C1
A2
C2
GND
A0
SCL
B1
B2
ALERT
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
Digital Temperature Sensor
with Two-Wire Interface
Chip-Scale
Package
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2005−2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.


Similar Part No. - TMP106

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZC BURR-BROWN-TMP106YZC Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCR BURR-BROWN-TMP106YZCR Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCRG4 BURR-BROWN-TMP106YZCRG4 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP106YZCT BURR-BROWN-TMP106YZCT Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
More results

Similar Description - TMP106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
TMP105 BURR-BROWN-TMP105 Datasheet
263Kb / 16P
Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
Digital Temperature Sensor with Two-Wire Interface
LM84 TI-LM84_15 Datasheet
169Kb / 18P
Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com