Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP106
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP106 Datasheet(HTML) 5 Page - Texas Instruments

  TMP106 Datasheet HTML 1Page - Texas Instruments TMP106 Datasheet HTML 2Page - Texas Instruments TMP106 Datasheet HTML 3Page - Texas Instruments TMP106 Datasheet HTML 4Page - Texas Instruments TMP106 Datasheet HTML 5Page - Texas Instruments TMP106 Datasheet HTML 6Page - Texas Instruments TMP106 Datasheet HTML 7Page - Texas Instruments TMP106 Datasheet HTML 8Page - Texas Instruments TMP106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
www.ti.com
5
APPLICATIONS INFORMATION
The TMP106 is a digital temperature sensor that is optimal
for
thermal
management
and
thermal
protection
applications. The TMP106 is Two-Wire and SMBus
interface-compatible, and is specified over a temperature
range of −40
°C to +125°C.
The TMP106 requires no external components for
operation except for pull-up resistors on SCL, SDA, and
ALERT,
although
a
0.1
µF bypass capacitor is
recommended, as shown in Figure 1.
TMP106
0.1
µF
V+
GND
A2
B2
C2
C1
ALERT
(Output)
A0
B1
A1
SCL
SDA
To
Two−Wire
Controller
NOTE:SCL,SDA,and ALERT
pins require pull−up resistors.
Figure 1. Typical Connections of the TMP106
The sensing device of the TMP106 is the chip itself.
Thermal paths run through the package leads. The lower
thermal resistance of metal causes the leads to provide the
primary thermal path.
To maintain accuracy in applications requiring air or
surface temperature measurement, care should be taken
to isolate the package and leads from ambient air
temperature.
POINTER REGISTER
Figure 2 shows the internal register structure of the
TMP106. The 8-bit Pointer Register of the device is used
to address a given data register. The Pointer Register uses
the two LSBs to identify which of the data registers should
respond to a read or write command. Table 1 identifies the
bits of the Pointer Register byte. Table 2 describes the
pointer address of the registers available in the TMP106.
Power-up reset value of P1/P0 is 00.
P7
P6
P5
P4
P3
P2
P1
P0
0
0
0
0
0
0
Register Bits
Table 1. Pointer Register Byte
I/O
Control
Interface
SCL
SDA
Temperature
Register
Configuration
Register
T
LOW
Register
T
HIGH
Register
Pointer
Register
Figure 2. Internal Register Structure of the
TMP106
P1
P0
REGISTER
0
0
Temperature Register (Read Only)
0
1
Configuration Register (Read/Write)
1
0
TLOW Register (Read/Write)
1
1
THIGH Register (Read/Write)
Table 2. Pointer Addresses of the TMP106
TEMPERATURE REGISTER
The Temperature Register of the TMP106 is a 12-bit,
read-only register that stores the output of the most recent
conversion. Two bytes must be read to obtain data, and are
described in Table 3 and Table 4. Note that byte 1 is the
most significant byte; byte 2 is the least significant byte.
The first 12 bits are used to indicate temperature, with all
remaining bits equal to zero. The least significant byte
does not have to be read if that information is not needed.
Data format for temperature is summarized in Table 5.
Following power-up or reset, the Temperature Register will
read 0
°C until the first conversion is complete.
D7
D6
D5
D4
D3
D2
D1
D0
T11
T10
T9
T8
T7
T6
T5
T4
Table 3. Byte 1 of Temperature Register
D7
D6
D5
D4
D3
D2
D1
D0
T3
T2
T1
T0
0
0
0
0
Table 4. Byte 2 of Temperature Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com