Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP106
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP106 Datasheet(HTML) 3 Page - Texas Instruments

  TMP106 Datasheet HTML 1Page - Texas Instruments TMP106 Datasheet HTML 2Page - Texas Instruments TMP106 Datasheet HTML 3Page - Texas Instruments TMP106 Datasheet HTML 4Page - Texas Instruments TMP106 Datasheet HTML 5Page - Texas Instruments TMP106 Datasheet HTML 6Page - Texas Instruments TMP106 Datasheet HTML 7Page - Texas Instruments TMP106 Datasheet HTML 8Page - Texas Instruments TMP106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TMP106
SLLS672A − OCTOBER 2005 − REVISED JANUARY 2006
www.ti.com
3
ELECTRICAL CHARACTERISTICS
At TA = −40°C to +125°C, and V+ = 2.7V to 5.5V, unless otherwise noted.
PARAMETER
CONDITION
TMP106
UNITS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
TEMPERATURE INPUT
Range
−40
+125
°C
Accuracy (Temperature Error)
−25
°C to +85°C
±0.5
±2.0
°C
−40
°C to +125°C
±1.0
±3.0
°C
vs Supply
0.2
±0.5
°C/V
Resolution(1)
Selectable
0.0625
°C
DIGITAL INPUT/OUTPUT
Input Capacitance
3
pF
Input Logic Levels:
VIH
2.1
6.0
V
VIL
−0.5
0.8
V
Leakage Input Current, IIN
0V
≤ VIN ≤ 6V
1
µA
Input Voltage Hysteresis
SCL and SDA Pins
250
mV
Output Logic Levels:
VOL SDA
IOL = 3mA
0
0.15
0.4
V
VOL ALERT
IOL = 4mA
0
0.15
0.4
V
Resolution
Selectable
9 to 12
Bits
Conversion Time
9-Bit
27.5
37.5
ms
10-Bit
55
75
ms
11-Bit
110
150
ms
12-Bit
220
300
ms
Timeout Time
25
54
74
ms
POWER SUPPLY
Operating Range
2.7
5.5
V
Quiescent Current
IQ
Serial Bus Inactive
50
85
µA
Serial Bus Active, SCL Freq = 400kHz
100
µA
Serial Bus Active, SCL Freq = 3.4MHz
410
µA
Shutdown Current
ISD
Serial Bus Inactive
0.1
3
µA
Serial Bus Active, SCL Freq = 400kHz
60
µA
Serial Bus Active, SCL Freq = 3.4MHz
380
µA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−55
+127
°C
Thermal Resistance
qJA
240
°C/W
(1) Specified for 12-bit resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com