Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP106 Datasheet(PDF) 17 Page - Texas Instruments

Part # TMP106
Description  Digital Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP106 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TMP106 Datasheet HTML 12Page - Texas Instruments TMP106 Datasheet HTML 13Page - Texas Instruments TMP106 Datasheet HTML 14Page - Texas Instruments TMP106 Datasheet HTML 15Page - Texas Instruments TMP106 Datasheet HTML 16Page - Texas Instruments TMP106 Datasheet HTML 17Page - Texas Instruments TMP106 Datasheet HTML 18Page - Texas Instruments TMP106 Datasheet HTML 19Page - Texas Instruments TMP106 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.625 MAX
0.35
0.15
1
TYP
0.25 TYP
6X
0.35
0.25
0.5
TYP
0.5 TYP
B
E
A
D
4219522/A 02/2015
DSBGA - 0.625 mm max height
YZC0006
DIE SIZE BALL GRID ARRAY
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. NanoFree
TM
package configuration.
NanoFree Is a trademark of Texas Instruments.
BALL A1
CORNER
SEATING PLANE
BALL TYP
0.08 C
A
1
0.015
C A
B
SYMM
SYMM
C
2
B
SCALE 9.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com