Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet (PDF) - Texas Instruments

ADC08060 Datasheet PDF - Texas Instruments
Part # ADC08060
Download  ADC08060 Download
File Size   916.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold

ADC08060 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC08060 Datasheet PDF - Texas Instruments

Part # ADC08060
Download  ADC08060 Click to download

File Size   916.03 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold

ADC08060 Datasheet (HTML) - Texas Instruments


ADC08060 Product details

1FEATURES
2• Single-Ended Input
• Internal Sample-and-Hold Function
• Low Voltage (Single +3V) Operation
• Small Package
• Power-Down Feature

KEY SPECIFICATION
• Resolution: 8 bits
• Maximum Sampling Frequency: 60 MSPS (min)
• DNL: 0.4 LSB(typ)
• ENOB 7.5bits (typ) at f IN = 25 MHz
• THD: -60 dB (typ)
• Power Consumption
– Operating: 1.3 mW/MSPS (typ)
– Power Down Mode: 1 mW (typ)

APPLICATIONS
• Digital Imaging Systems
• Communication Systems
• Portable Instrumentation
• Viterbi Decoders
• Set-Top Boxes

DESCRIPTION
The ADC08060 is a low-power, 8-bit, monolithic
analog-to-digital converter with an on-chip track-and-
hold circuit. Optimized for low cost, low power, small
size and ease of use, this product operates at
conversion rates of 20 MSPS to 70 MSPS with
outstanding dynamic performance over its full operating range while consuming just 1.3 mW per
MHz of clock frequency. That's just 78 mW of power
at 60 MSPS. Raising the PD pin puts the ADC08060
into a Power Down mode where it consumes just 1
mW.
The unique architecture achieves 7.5 Effective Bits
with 25 MHz input frequency. The excellent DC and
AC characteristics of this device, together with its low
power consumption and single +3V supply operation,
make it ideally suited for many imaging and
communications applications, including use in
portable equipment. Furthermore, the ADC08060 is
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC08060's
reference ladder are available for connections,
enabling a wide range of input possibilities. The
digital outputs are TTL/CMOS compatible with a
separate output power supply pin to support
interfacing with 3V or 2.5V logic. The output coding is
straight binary and the digital inputs (CLK and PD)
are TTL/CMOS compatible.
The ADC08060 is offered in a 24-lead TSSOP
package and is specified over the industrial
temperature range of −40°C to +85°C.




Similar Part No. - ADC08060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
ADC08060 TI2-ADC08060 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC08060CIMT NSC-ADC08060CIMT Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
More results


Similar Description - ADC08060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com