Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 3 Page - Texas Instruments

  ADC08060 Datasheet HTML 1Page - Texas Instruments ADC08060 Datasheet HTML 2Page - Texas Instruments ADC08060 Datasheet HTML 3Page - Texas Instruments ADC08060 Datasheet HTML 4Page - Texas Instruments ADC08060 Datasheet HTML 5Page - Texas Instruments ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
GND
VA
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS
Pin No.
Symbol
Equivalent Circuit
Description
6
VIN
Analog signal input. Conversion range is VRB to VRT.
Analog Input that is the high (top) side of the reference ladder
of the ADC. Nominal range is 1.0V to VA. Voltage on VRT and
3
VRT
VRB inputs define the VIN conversion range. Bypass well. See
THE ANALOG INPUT for more information.
Mid-point of the reference ladder. This pin should be bypassed
9
VRM
to a clean, quiet point in the analog ground plane with a 0.1
µF capacitor.
Analog Input that is the low side (bottom) of the reference
ladder of the ADC. Nominal range is 0.0V to (VRT – 1.0V).
10
VRB
Voltage on VRT and VRB inputs define the VIN conversion
range. Bypass well. See THE ANALOG INPUT for more
information.
Power Down input. When this pin is high, the converter is in
23
PD
the Power Down mode and the data output pins hold the last
conversion result.
CMOS/TTL compatible digital clock Input. VIN is sampled on
24
CLK
the falling edge of CLK input.
13 thru 16
Conversion data digital Output pins. D0 is the LSB, D7 is the
and
D0–D7
MSB. Valid data is output just after the rising edge of the CLK
19 thru 22
input.
7
VIN GND
Reference ground for the single-ended analog input, VIN.
Positive analog supply pin. Connect to a clean, quiet voltage
source of +3V. VA should be bypassed with a 0.1 µF ceramic
1, 4, 12
VA
chip capacitor for each pin, plus one 10 µF capacitor. See
POWER SUPPLY CONSIDERATIONS for more information.
Power supply for the output drivers. If connected to VA,
18
DR VD
decouple well from VA.
17
DR GND
The ground return for the output driver supply.
2, 5, 8, 11
AGND
The ground return for the analog supply.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC08060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com