Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC08060 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADC08060
Description  ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand- Hold
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08060 Datasheet(HTML) 1 Page - Texas Instruments

  ADC08060 Datasheet HTML 1Page - Texas Instruments ADC08060 Datasheet HTML 2Page - Texas Instruments ADC08060 Datasheet HTML 3Page - Texas Instruments ADC08060 Datasheet HTML 4Page - Texas Instruments ADC08060 Datasheet HTML 5Page - Texas Instruments ADC08060 Datasheet HTML 6Page - Texas Instruments ADC08060 Datasheet HTML 7Page - Texas Instruments ADC08060 Datasheet HTML 8Page - Texas Instruments ADC08060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
ADC08060
www.ti.com
SNAS120H – OCTOBER 2000 – REVISED MARCH 2013
ADC08060 8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sample-
and-Hold
Check for Samples: ADC08060
1
FEATURES
DESCRIPTION
The ADC08060 is a low-power, 8-bit, monolithic
2
•
Single-Ended Input
analog-to-digital converter with an on-chip track-and-
•
Internal Sample-and-Hold Function
hold circuit. Optimized for low cost, low power, small
•
Low Voltage (Single +3V) Operation
size and ease of use, this product operates at
conversion rates of 20 MSPS to 70 MSPS with
•
Small Package
outstanding
dynamic
performance
over
its
full
•
Power-Down Feature
operating range while consuming just 1.3 mW per
MHz of clock frequency. That's just 78 mW of power
KEY SPECIFICATION
at 60 MSPS. Raising the PD pin puts the ADC08060
into a Power Down mode where it consumes just 1
•
Resolution: 8 bits
mW.
•
Maximum Sampling Frequency: 60 MSPS (min)
The unique architecture achieves 7.5 Effective Bits
•
DNL: 0.4 LSB(typ)
with 25 MHz input frequency. The excellent DC and
•
ENOB 7.5bits (typ) at fIN = 25 MHz
AC characteristics of this device, together with its low
•
THD: -60 dB (typ)
power consumption and single +3V supply operation,
make
it
ideally
suited
for
many
imaging
and
•
Power Consumption
communications
applications,
including
use
in
–
Operating: 1.3 mW/MSPS (typ)
portable equipment. Furthermore, the ADC08060 is
–
Power Down Mode: 1 mW (typ)
resistant to latch-up and the outputs are short-circuit
proof. The top and bottom of the ADC08060's
APPLICATIONS
reference
ladder
are
available
for
connections,
enabling a wide range of input possibilities. The
•
Digital Imaging Systems
digital outputs are TTL/CMOS compatible with a
•
Communication Systems
separate
output
power
supply
pin
to
support
interfacing with 3V or 2.5V logic. The output coding is
•
Portable Instrumentation
straight binary and the digital inputs (CLK and PD)
•
Viterbi Decoders
are TTL/CMOS compatible.
•
Set-Top Boxes
The ADC08060 is offered in a 24-lead TSSOP
package
and
is
specified
over
the
industrial
temperature range of
−40°C to +85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC08060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08060 NSC-ADC08060 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC08060 TI1-ADC08060 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
ADC08060 TI2-ADC08060 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
logo
National Semiconductor ...
ADC08060CIMT NSC-ADC08060CIMT Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
More results

Similar Description - ADC08060

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08060 NSC-ADC08060 Datasheet
539Kb / 19P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter
ADC08100 NSC-ADC08100 Datasheet
572Kb / 19P
8-Bit, 20 MSPS to 100 MSPS, 1.3 mW/MSPS A/D Converter
ADC08L060 NSC-ADC08L060 Datasheet
565Kb / 19P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08200 NSC-ADC08200 Datasheet
905Kb / 19P
8-Bit, 20 MSPS to 200 MSPS, 1.05 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08L060 NSC-ADC08L060_08 Datasheet
454Kb / 20P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08060 NSC-ADC08060_08 Datasheet
443Kb / 20P
8-Bit, 20 MSPS to 60 MSPS, 1.3 mW/MSPS A/D Converter with Internal Sample-and-Hold
ADC08100 NSC-ADC08100_08 Datasheet
438Kb / 20P
8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
logo
Texas Instruments
ADC08100 TI1-ADC08100_14 Datasheet
1Mb / 28P
ADC08100 8-Bit, 20 Msps to 100 Msps, 1.3 mW/Msps A/D Converter
ADC08060 TI1-ADC08060_14 Datasheet
1Mb / 29P
8-Bit, 20 MSPS to 60 MSPS, 1.3 m W/MSPS A/D Converter with Internal Sampleand Hold
ADC08L060 TI1-ADC08L060_14 Datasheet
1Mb / 29P
8-Bit, 10 MSPS to 60 MSPS, 0.65 mW/MSPS A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com